Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7467ARQZ-R7 Datasheet(PDF) 65 Page - ON Semiconductor

Part # ADT7467ARQZ-R7
Description  dBCool Remote Thermal Monitor and Fan Controller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7467ARQZ-R7 Datasheet(HTML) 65 Page - ON Semiconductor

Back Button ADT7467ARQZ-R7 Datasheet HTML 61Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 62Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 63Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 64Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 65Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 66Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 67Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 68Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 69Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 77 page
background image
ADT7467
Rev. 3 | Page 65 of 77 | www.onsemi.com
Table 26. Register 0x40—Configuration Register 1 (Power-On Default = 0x01)1
Bit
Name
R/W
Description
<0>
STRT
Read/write
Logic 1 enables monitoring and PWM control outputs based on the limit settings programmed.
Logic 0 disables monitoring and PWM control based on the default power-up limit settings.
Note that the limit values programmed are preserved even if a Logic 0 is written to this bit and the default
settings are enabled. This bit becomes a read-only bit and cannot be changed once Bit 1 (LOCK bit) has been
written. All limit registers should be programmed by BIOS before setting this bit to 1. (Lockable)
<1>
LOCK
Write once
Logic 1 locks all limit values to their current settings. Once this bit is set, all lockable registers become read-
only registers and cannot be modified until the ADT7467 is powered down and powered up again. This
prevents rogue programs such as viruses from modifying critical system limit settings. (Lockable)
<2>
RDY
Read only
This bit is only set to 1 by the ADT7467 to indicate that the device is fully powered up and ready to begin
system monitoring.
<3>
FSPD
Read/write
When set to 1, this bit runs all fans at full speed. Power-on default = 0. This bit cannot be locked at any time.
<4>
VxI
Read/write
BIOS should set this bit to a 1 when the ADT7467 is configured to measure current from an ADI ADOPT™ VRM
controller and to measure the CPU’s core voltage. This bit allows monitoring software to display the watts
used by the CPU. (Lockable)
<5>
FSPDIS
Read/write
Logic 1 disables fan spin-up for two TACH pulses, and the PWM outputs go high for the entire fan spin-up
timeout selected.
<6>
TODIS
Read/write
When this bit is set to 1, the SMBus timeout feature is disabled. This allows the ADT7467 to be used with
SMBus controllers that cannot handle SMBus timeouts. (Lockable)
<7>
VCC
Read/write
When this bit is set to 1, the ADT7467 rescales its VCC pin to measure 5 V supply. If this bit is 0, the ADT7467
measures VCC as a 3.3 V supply. (Lockable)
1 This register becomes a read-only register when the Configuration Register 1 LOCK bit is set to 1. Any subsequent attempts to write to this register fail.
Table 27. Register 0x41—Interrupt Status Register 1 (Power-On Default = 0x00)
Bit
Name
R/W
Description
<1>
VCCP
Read only
VCCP = 1 indicates that the VCCP high or low limit has been exceeded. This bit is cleared upon a read of the
status register if the error condition has subsided.
<2>
VCC
Read only
VCC = 1 indicates that the VCC high or low limit has been exceeded. This bit is cleared upon a read of the status
register if the error condition has subsided.
<4>
R1T
Read only
R1T = 1 indicates that the Remote 1 low or high temperature has been exceeded. This bit is cleared upon a
read of the status register if the error condition has subsided.
<5>
LT
Read only
LT = 1 indicates that the local low or high temperature has been exceeded. This bit is cleared upon a read of
the status register if the error condition has subsided.
<6>
R2T
Read only
R2T = 1 indicates that the Remote 2 low or high temperature has been exceeded. This bit is cleared upon a
read of the status register if the error condition has subsided.
<7>
OOL
Read only
OOL = 1 indicates that an out-of-limit event has been latched in Status Register 2. This bit is a logical OR of all
status bits in Status Register 2. Software can test this bit in isolation to determine whether any of the voltage,
temperature, or fan speed readings represented by Status Register 2 are out of limit, which eliminates the
need to read Status Register 2 at every interrupt or in every polling cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com