Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7467ARQZ-R7 Datasheet(PDF) 6 Page - ON Semiconductor

Part # ADT7467ARQZ-R7
Description  dBCool Remote Thermal Monitor and Fan Controller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7467ARQZ-R7 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button ADT7467ARQZ-R7 Datasheet HTML 2Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 3Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 4Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 5Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 6Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 7Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 8Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 9Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 77 page
background image
ADT7467
Rev. 3 | Page 6 of 77 | www.onsemi.com
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
ADT7467
TOP VIEW
(Not to Scale)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
SCL
GND
VCC
TACH3
PWM2/SMBALERT
TACH1
TACH2
PWM3
SDA
PWM1/XTO
VCCP
D1+
D1–
D2+
TACH4/GPIO/THERM/SMBALERT
D2–
Figure 3. Pin Configuration
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
SCL
Digital Input (Open Drain). SMBus serial clock input. Requires SMBus pull-up.
2
GND
Ground Pin for the ADT7467.
3
VCC
Power Supply. Can be powered by 3.3 V standby if monitoring in low power states is required. VCC is also monitored
through this pin. The ADT7467 can also be powered from a 5 V supply. Setting Bit 7 of Configuration Register 1
(0x40) rescales the VCC input attenuators to correctly measure a 5 V supply.
4
TACH3
Digital Input (Open Drain). Fan tachometer input to measure speed of Fan 3. Can be reconfigured as an analog
input (AIN3) to measure the speed of 2-wire fans (low frequency mode only).
5
PWM2
Digital Output (Open Drain). Requires 10 kΩ typical pull-up. Pulse width modulated output to control the speed of
Fan 2. Can be configured as a high or low frequency drive.
SMBALERT
Digital Output (Open Drain). This pin can be reconfigured as an SMBALERT interrupt output to signal out-of-limit
conditions.
6
TACH1
Digital Input (Open Drain). Fan tachometer input to measure speed of Fan 1. Can be reconfigured as an analog
input (AIN1) to measure the speed of 2-wire fans (low frequency mode only).
7
TACH2
Digital Input (Open Drain). Fan tachometer input to measure speed of Fan 2. Can be reconfigured as an analog
input (AIN2) to measure the speed of 2-wire fans (low frequency mode only).
8
PWM3
Digital I/O (Open Drain). Pulse width modulated output to control the speed of Fan 3 and Fan 4. Requires 10 kΩ
typical pull-up. Can be configured as a high or low frequency drive.
9
TACH4
Digital Input (Open Drain). Fan tachometer input to measure speed of Fan 4. Can be reconfigured as an analog
input (AIN4) to measure the speed of 2-wire fans (low frequency mode only).
GPIO
General-Purpose Open-Drain Digital I/O.
THERM
Alternatively, the pin can be reconfigured as a bidirectional THERM pin, which can be used to time and monitor
assertions on the THERM input. For example, the pin can be connected to the PROCHOT output of an Intel®
Pentium® 4 processor or to the output of a trip point temperature sensor. This pin can be used as an output to
signal overtemperature conditions.
SMBALERT
Digital Output (Open Drain). This pin can be reconfigured as an SMBALERT interrupt output to signal out-of-limit
conditions.
10
D2−
Cathode Connection to Second Thermal Diode.
11
D2+
Anode Connection to Second Thermal Diode.
12
D1−
Cathode Connection to First Thermal Diode.
13
D1+
Anode Connection to First Thermal Diode.
14
VCCP
Analog Input. Monitors processor core voltage (0 V to 3 V).
15
PWM1
Digital Output (Open Drain). Pulse width modulated output to control the speed of Fan 1. Requires 10 kΩ typical
pull-up.
XTO
Also functions as the output from the XNOR tree in XNOR test mode.
16
SDA
Digital I/O (Open Drain). SMBus bidirectional serial data. Requires 10 kΩ typical pull-up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com