Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7467ARQZ-R7 Datasheet(PDF) 75 Page - ON Semiconductor

Part # ADT7467ARQZ-R7
Description  dBCool Remote Thermal Monitor and Fan Controller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7467ARQZ-R7 Datasheet(HTML) 75 Page - ON Semiconductor

Back Button ADT7467ARQZ-R7 Datasheet HTML 69Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 70Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 71Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 72Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 73Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 74Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 75Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 76Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 77Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 75 / 77 page
background image
ADT7467
Rev. 3 | Page 75 of 77 | www.onsemi.com
Table 60. Register 0x7D—Configuration Register 4 (Power-On Default = 0x00)
Bit
Name
R/W1
Description
<1:0>
Pin 9 Func
Read/write
These bits set the functionality of Pin 9.
00 = TACH4 (default).
01 = bidirectional THERM.
10 = SMBALERT.
11 = GPIO.
<3:2>
AINL
Read/write
These two bits define the input threshold for 2-wire fan speed measurements (low frequency mode
only).
00 = ±20 mV.
01 = ±40 mV.
10 = ±80 mV.
11 = ±130 mV.
<4>
RES
Unused.
<5>
BpAtt VCCP
Bypass VCCP attenuator. When set, the measurement scale for this channel changes from 0 V (0x00) to
2.2965 V (0xFF).
<6:7>
RES
Unused.
1 This register becomes a read-only register when the Configuration Register 1 LOCK bit is set to 1. Any subsequent attempts to write to this register fail.
Table 61. Register 0x7E—Manufacturer’s Test Register 1 (Power-On Default = 0x00)
Bit
Name
R/W
Description
<7:0>
Reserved
Read only
Manufacturer’s test register. These bits are reserved for the manufacturer’s testing purposes and
should not be written to under normal operation.
Table 62. Register 0x7F—Manufacturer’s Test Register 2 (Power-On Default = 0x00)
Bit
Name
R/W
Description
<7:0>
Reserved
Read only
Manufacturer’s test register. These bits are reserved for the manufacturer’s testing purposes and
should not be written to under normal operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com