Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7467ARQZ-R7 Datasheet(PDF) 62 Page - ON Semiconductor

Part # ADT7467ARQZ-R7
Description  dBCool Remote Thermal Monitor and Fan Controller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7467ARQZ-R7 Datasheet(HTML) 62 Page - ON Semiconductor

Back Button ADT7467ARQZ-R7 Datasheet HTML 58Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 59Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 60Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 61Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 62Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 63Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 64Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 65Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 66Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 77 page
background image
ADT7467
Rev. 3 | Page 62 of 77 | www.onsemi.com
Table 20. Fan Tachometer Reading Registers (Power-On Default = 0x00)1
Register Address
R/W
Description
0x28
Read only
TACH1 low byte.
0x29
Read only
TACH1 high byte.
0x2A
Read only
TACH2 low byte.
0x2B
Read only
TACH2 high byte.
0x2C
Read only
TACH3 low byte.
0x2D
Read only
TACH3 high byte.
0x2E
Read only
TACH4 low byte.
0x2F
Read only
TACH4 high byte.
1 These registers count the number of 11.11 μs periods (based on an internal 90 kHz clock) that occur between a number of consecutive fan TACH pulses (default = 2).
The number of TACH pulses used to count can be changed using the TACH pulses per revolution register (0x7B). This allows the fan speed to be accurately measured.
Because a valid fan tachometer reading requires that two bytes are read, the low byte must be read first. Both the low and high bytes are then frozen until read. At
power-on, these registers contain 0x0000 until the first valid fan TACH measurement is read into these registers. This prevents false interrupts from occurring while the
fans are spinning up.
A count of 0xFFFF indicates that a fan is one of the following:
•
Stalled or blocked (object jamming the fan).
•
Failed (internal circuitry destroyed).
•
Not populated. (The ADT7467 expects to see a fan connected to each TACH. If a fan is not connected to a TACH, the minimum high and low bytes of that TACH
should be set to 0xFFFF.)
•
Alternate function (for example, TACH4 reconfigured as THERM pin).
•
2-wire instead of 3-wire fan.
Table 21. Current PWM Duty Cycle Registers (Power-On Default = 0x00)1
Register Address
R/W
Description
0x30
Read/write
PWM1 current duty cycle (0% to 100% duty cycle = 0x00 to 0xFF).
0x31
Read/write
PWM2 current duty cycle (0% to 100% duty cycle = 0x00 to 0xFF).
0x32
Read/write
PWM3 current duty cycle (0% to 100% duty cycle = 0x00 to 0xFF).
1 These registers reflect the PWM duty cycle driving each fan at any given time. When in automatic fan speed control mode, the ADT7467 reports the PWM duty cycles
through these registers. The PWM duty cycle values vary according to the temperature in automatic fan speed control mode. During fan startup, these registers report
0x00. In software mode, the PWM duty cycle outputs can be set to any duty cycle value by writing to these registers.
Table 22. Operating Point Registers (Power-On Default = 0xA4)1, 2, 3
Register Address
R/W
Description
0x33
Read/write
Remote 1 operating point register (default = 100°C).
0x34
Read/write
Local temperature operating point register (default = 100°C).
0x35
Read/write
Remote 2 operating point register (default = 100°C).
1 These registers set the target operating point for each temperature channel when the dynamic TMIN control feature is enabled.
2 The fans being controlled are adjusted to maintain temperature about an operating point.
3 These registers become read-only registers when the Configuration Register 1 LOCK bit is set to 1. Any subsequent attempts to write to these registers fail.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com