Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7467ARQZ-R7 Datasheet(PDF) 57 Page - ON Semiconductor

Part # ADT7467ARQZ-R7
Description  dBCool Remote Thermal Monitor and Fan Controller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7467ARQZ-R7 Datasheet(HTML) 57 Page - ON Semiconductor

Back Button ADT7467ARQZ-R7 Datasheet HTML 53Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 54Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 55Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 56Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 57Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 58Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 59Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 60Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 61Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 77 page
background image
ADT7467
Rev. 3 | Page 57 of 77 | www.onsemi.com
ENHANCING SYSTEM ACOUSTICS
Automatic fan speed control mode reacts instantaneously to
changes in temperature, that is, the PWM duty cycle immediately
responds to temperature change. Any impulses in temperature
can cause an impulse in fan noise. For psychoacoustic reasons,
the ADT7467 can prevent the PWM output from reacting
instantaneously to temperature changes. Enhanced acoustic
mode controls the maximum change in PWM duty cycle at a
given time. The objective is to prevent the fan from repeatedly
cycling up and down, annoying the user.
ACOUSTIC ENHANCEMENT MODE OVERVIEW
Figure 81 shows a top-level overview of the ADT7467 automatic
fan control circuitry and where acoustic enhancement fits in.
Acoustic enhancement is intended as a postdesign tweak made by
a system or mechanical engineer evaluating the best settings for
the system. Having determined the optimal settings for the
thermal solution, the engineer can adjust the system acoustics.
The goal is to implement a system that is acoustically pleasing
and does not cause user annoyance due to fan cycling. It is
important to realize that although a system may pass an acoustic
noise requirement specification (for example, 36 dB), it fails the
consumer test if the fan is annoying.
ACOUSTIC
ENHANCEMENT
REAR CHASSIS
FRONT CHASSIS
CPU FAN SINK
LOCAL =
VRM TEMP
PWM1
PWM2
TACH1
TACH2
TACH3
PWM3
REMOTE 1 =
AMBIENT TEMP
REMOTE 2 =
CPU TEMP
MUX
THERMAL CALIBRATION
0%
TMIN
TRANGE
THERMAL CALIBRATION
100%
0%
TMIN
TRANGE
THERMAL CALIBRATION
100%
0%
TMIN
TRANGE
TACHOMETER 1
MEASUREMENT
PWM
CONFIG
PWM
MIN
RAMP
CONTROL
(ACOUSTIC
ENHANCEMENT)
PWM
GENERATOR
TACHOMETER 2
MEASUREMENT
PWM
CONFIG
PWM
MIN
RAMP
CONTROL
(ACOUSTIC
ENHANCEMENT)
PWM
GENERATOR
TACHOMETER 3
AND 4
MEASUREMENT
PWM
CONFIG
PWM
MIN
RAMP
CONTROL
(ACOUSTIC
ENHANCEMENT)
PWM
GENERATOR
100%
Figure 81. Acoustic Enhancement Smoothes Fan Speed Variations in Automatic Fan Speed Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com