Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7467ARQZ-R7 Datasheet(PDF) 5 Page - ON Semiconductor

Part # ADT7467ARQZ-R7
Description  dBCool Remote Thermal Monitor and Fan Controller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7467ARQZ-R7 Datasheet(HTML) 5 Page - ON Semiconductor

  ADT7467ARQZ-R7 Datasheet HTML 1Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 2Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 3Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 4Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 5Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 6Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 7Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 8Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 77 page
background image
ADT7467
Rev. 3 | Page 5 of 77 | www.onsemi.com
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
Positive Supply Voltage (VCC)
5.5 V
Voltage on Any Input or Output Pin
−0.3 V to +6.5 V
Input Current at Any Pin
±5 mA
Package Input Current
±20 mA
Maximum Junction Temperature (TJMAX)
150°C
Storage Temperature Range
−65°C to +150°C
Lead Temperature, Soldering
IR Reflow Peak Temperature
220°C
For Pb-free models
260°C
Lead Temperature (Soldering, 10 sec)
300°C
ESD Rating
1000 V
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL CHARACTERISTICS
16-lead QSOP package:
θJA = 150°C/W
θJC = 39°C/W
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com