Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7467ARQZ-R7 Datasheet(PDF) 42 Page - ON Semiconductor

Part # ADT7467ARQZ-R7
Description  dBCool Remote Thermal Monitor and Fan Controller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7467ARQZ-R7 Datasheet(HTML) 42 Page - ON Semiconductor

Back Button ADT7467ARQZ-R7 Datasheet HTML 38Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 39Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 40Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 41Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 42Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 43Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 44Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 45Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 46Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 77 page
background image
ADT7467
Rev. 3 | Page 42 of 77 | www.onsemi.com
STEP 3: TMIN SETTINGS FOR THERMAL
CALIBRATION CHANNELS
TMIN is the temperature at which the fans start to turn on when
using automatic fan control mode. The speed at which the fan
runs at TMIN is programmed later. The TMIN values chosen are
temperature-channel specific, for example, 25°C for ambient
channel, 30°C for VRM temperature, and 40°C for processor
temperature.
TMIN is an 8-bit value, either twos complement or Offset 64, that
can be programmed in 1°C increments. There is a TMIN register
associated with each temperature measurement channel:
Remote 1, local, and Remote 2 temperature. Once the TMIN
value is exceeded, the fan turns on and runs at the minimum
PWM duty cycle. The fan turns off once the temperature has
dropped below TMIN − THYST.
To overcome fan inertia, the fan spins up until two valid TACH
rising edges are counted. See the Fan Start-Up Timeout section
for more details. In some cases, primarily for psychoacoustic
reasons, it is desirable that the fan never switch off below TMIN.
When set, Bits <7:5> of the Enhanced Acoustics Register 1
(0x62) keep the fans running at the PWM minimum duty cycle
if the temperature falls below TMIN.
TMIN Registers
Register 0x67, Remote 1 temperature TMIN = 0x9A (90°C)
Register 0x68, local temperature TMIN = 0x9A (90°C)
Register 0x69, Remote 2 temperature TMIN = 0x9A (90°C)
Enhanced Acoustics Register 1 (0x62)
Bit 7 (MIN3) = 0, PWM3 is off (0% PWM duty cycle) when the
temperature is below TMIN – THYST.
Bit 7 (MIN3) = 1, PWM3 runs at PWM3 minimum duty cycle
when the temperature is below TMIN – THYST.
Bit 6 (MIN2) = 0, PWM2 is off (0% PWM duty cycle) when the
temperature is below TMIN – THYST.
Bit 6 (MIN2) = 1, PWM2 runs at PWM2 minimum duty cycle
when the temperature is below TMIN – THYST.
Bit 5 (MIN1) = 0, PWM1 is off (0% PWM duty cycle) when the
temperature is below TMIN – THYST.
Bit 5 (MIN1) = 1, PWM1 runs at PWM1 minimum duty cycle
when the temperature is below TMIN – THYST.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com