Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7467ARQZ-R7 Datasheet(PDF) 60 Page - ON Semiconductor

Part # ADT7467ARQZ-R7
Description  dBCool Remote Thermal Monitor and Fan Controller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7467ARQZ-R7 Datasheet(HTML) 60 Page - ON Semiconductor

Back Button ADT7467ARQZ-R7 Datasheet HTML 56Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 57Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 58Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 59Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 60Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 61Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 62Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 63Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 64Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 77 page
background image
ADT7467
Rev. 3 | Page 60 of 77 | www.onsemi.com
Address
R/W
Description
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
Lock-
able
high limit
0x50
R/W
Local temperature low
limit
7
6
5
4
3
2
1
0
0x01
0x51
R/W
Local temperature high
limit
7
6
5
4
3
2
1
0
0x7F
0x52
R/W
Remote 2 temperature
low limit
7
6
5
4
3
2
1
0
0x01
0x53
R/W
Remote 2 temperature
high limit
7
6
5
4
3
2
1
0
0x7F
0x54
R/W
TACH1 minimum low
byte
7
6
5
4
3
2
1
0
0xFF
0x55
R/W
TACH1 minimum high
byte
15
14
13
12
11
10
9
8
0xFF
0x56
R/W
TACH2 minimum low
byte
7
6
5
4
3
2
1
0
0xFF
0x57
R/W
TACH2 minimum high
byte
15
14
13
12
11
10
9
8
0xFF
0x58
R/W
TACH3 minimum low
byte
7
6
5
4
3
2
1
0
0xFF
0x59
R/W
TACH3 minimum high
byte
15
14
13
12
11
10
9
8
0xFF
0x5A
R/W
TACH4 minimum low
byte
7
6
5
4
3
2
1
0
0xFF
0x5B
R/W
TACH4 minimum high
byte
15
14
13
12
11
10
9
8
0xFF
0x5C
R/W
PWM1 configuration
register
BHVR
BHVR
BHVR
INV
SLOW
SPIN
SPIN
SPIN
0x82
Yes
0x5D
R/W
PWM2 configuration
register
BHVR
BHVR
BHVR
INV
SLOW
SPIN
SPIN
SPIN
0x82
Yes
0x5E
R/W
PWM3 configuration
register
BHVR
BHVR
BHVR
INV
SLOW
SPIN
SPIN
SPIN
0x82
Yes
0x5F
R/W
Remote 1 TRANGE/PWM1
frequency
RANGE
RANGE
RANGE
RANGE
THRM
FREQ
FREQ
FREQ
0xC4
Yes
0x60
R/W
Local TRANGE/PWM2
frequency
RANGE
RANGE
RANGE
RANGE
THRM
FREQ
FREQ
FREQ
0xC4
Yes
0x61
R/W
Remote 2 TRANGE/PWM3
frequency
RANGE
RANGE
RANGE
RANGE
THRM
FREQ
FREQ
FREQ
0xC4
Yes
0x62
R/W
Enhanced acoustics
Register 1
MIN3
MIN2
MIN1
SYNC
EN1
ACOU
ACOU
ACOU
0x00
Yes
0x63
R/W
Enhanced acoustics
Register 2
EN2
ACOU2
ACOU2
ACOU2
EN3
ACOU3
ACOU3
ACOU3
0x00
Yes
0x64
R/W
PWM1 min duty cycle
7
6
5
4
3
2
1
0
0x80
Yes
0x65
R/W
PWM2 min duty cycle
7
6
5
4
3
2
1
0
0x80
Yes
0x66
R/W
PWM3 min duty cycle
7
6
5
4
3
2
1
0
0x80
Yes
0x67
R/W
Remote 1 temp TMIN
7
6
5
4
3
2
1
0
0x9A
Yes
0x68
R/W
Local temp TMIN
7
6
5
4
3
2
1
0
0x9A
Yes
0x69
R/W
Remote 2 temp TMIN
7
6
5
4
3
2
1
0
0x9A
Yes
0x6A
R/W
Remote 1 THERM
temperature limit
7
6
5
4
3
2
1
0
0xA4
Yes
0x6B
R/W
Local THERM
temperature limit
7
6
5
4
3
2
1
0
0xA4
Yes
0x6C
R/W
Remote 2 THERM
temperature limit
7
6
5
4
3
2
1
0
0xA4
Yes
0x6D
R/W
Remote 1 and local
HYSR1
HYSR1
HYSR1
HYSR1
HYSL
HYSL
HYSL
HYSL
0x44
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com