Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7467ARQZ-R7 Datasheet(PDF) 34 Page - ON Semiconductor

Part # ADT7467ARQZ-R7
Description  dBCool Remote Thermal Monitor and Fan Controller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7467ARQZ-R7 Datasheet(HTML) 34 Page - ON Semiconductor

Back Button ADT7467ARQZ-R7 Datasheet HTML 30Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 31Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 32Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 33Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 34Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 35Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 36Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 37Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 38Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 77 page
background image
ADT7467
Rev. 3 | Page 34 of 77 | www.onsemi.com
MISCELLANEOUS FUNCTIONS
OPERATING FROM 3.3 V STANDBY
The ADT7467 has been specifically designed to operate from a
3.3 V STANDBY supply. In computers that support S3 and S5
states, the core voltage of the processor is lowered in these
states. If using the dynamic TMIN mode, lowering the core
voltage of the processor changes the CPU temperature and
changes the dynamics of the system under dynamic TMIN
control. Likewise, when monitoring THERM, the THERM
timer should be disabled during these states.
Dynamic TMIN Control Register 1 (0x36) <1> VCCPLO = 1
When the power is supplied from 3.3 V STANDBY and the VCCP
voltage drops below the VCCP low limit, the following occurs:
1.
Status Bit 1 (VCCP) in Interrupt Status Register 1 is set.
2.
SMBALERT is generated if enabled.
3.
THERM monitoring is disabled. The THERM timer
should hold its value prior to the S3 or S5 state.
4.
Dynamic TMIN control is disabled. This prevents TMIN from
being adjusted due to an S3 or S5 state.
5.
The ADT7467 is prevented from shutting down.
Once the core voltage, VCCP, goes above the VCCP low limit,
everything is re-enabled and the system resumes normal
operation.
XNOR TREE TEST MODE
The ADT7467 includes an XNOR tree test mode. This mode is
useful for in-circuit test equipment at board-level testing. By
applying stimulus to the pins included in the XNOR tree, it is
possible to detect opens or shorts on the system board.
Figure 47 shows the signals that are exercised in the XNOR tree
test mode. The XNOR tree test is invoked by setting Bit 0
(XEN) of the XNOR tree test enable register (0x6F).
PWM1/XTO
PWM3
PWM2
TACH4
TACH3
TACH2
TACH1
Figure 47. XNOR Tree Test
POWER-ON DEFAULT
When the ADT7467 is powered up, it polls the VCCP input.
If VCCP stays below 0.75 V (the system CPU power rail is not
powered up), the ADT7467 assumes the functionality of the
default registers after the ADT7467 is addressed via any valid
SMBus transaction.
If VCC goes high (the system processor power rail is powered
up), a fail-safe timer begins to count down. If the ADT7467 is
not addressed by a valid SMBus transaction before the fail-safe
timeout (4.6 sec) lapses, the ADT7467 drives the fans to full
speed. If the ADT7467 is addressed by a valid SMBus
transaction after this point, the fans stop and the ADT7467
assumes its default settings and begins normal operation.
If VCCP goes high (the system processor power rail is powered
up), a fail-safe timer begins to count down. If the ADT7467 is
addressed by a valid SMBus transaction before the fail-safe
timeout (4.6 sec) lapses, the ADT7467 operates normally,
assuming the functionality of all default registers. See the flow
chart in Figure 48.
ADT7467 IS POWERED UP
HAS THE ADT7467 BEEN
ACCESSED BY A VALID
SMBUS TRANSACTION?
IS VCCP ABOVE 0.75V?
CHECK VCCP
START FAIL-SAFE TIMER
HAS THE ADT7467 BEEN
ACCESSED BY A VALID
SMBUS TRANSACTION?
FAIL-SAFE TIMER ELAPSES
AFTER THE FAIL-SAFE TIMEOUT
HAS THE ADT7467 BEEN
ACCESSED BY A VALID
SMBUS TRANSACTION?
START UP THE
ADT7467 NORMALLY
RUN THE FANS TO FULL SPEED
HAS THE ADT7467 BEEN
ACCESSED BY A VALID
SMBUS TRANSACTION?
SWITCH OFF FANS
N
N
N
N
N
Y
Y
Y
Y
Y
Figure 48. Power-On Flowchart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com