Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7467ARQZ-R7 Datasheet(PDF) 30 Page - ON Semiconductor

Part # ADT7467ARQZ-R7
Description  dBCool Remote Thermal Monitor and Fan Controller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7467ARQZ-R7 Datasheet(HTML) 30 Page - ON Semiconductor

Back Button ADT7467ARQZ-R7 Datasheet HTML 26Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 27Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 28Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 29Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 30Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 31Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 32Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 33Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 34Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 77 page
background image
ADT7467
Rev. 3 | Page 30 of 77 | www.onsemi.com
Clamped with Zener and Resistor
Alternatively, a resistive attenuator can be used, as shown in
Figure 45. R1 and R2 should be chosen such that
2 V < VPULL-UP × R2/(RPULL-UP + R1 + R2) < 5 V
The fan inputs have an input resistance of nominally 160 kΩ to
ground, which should be taken into account when calculating
resistor values.
With a pull-up voltage of 12 V and a pull-up resistor of less than
1 kΩ, suitable values for R1 and R2 are 100 kΩ and 47 kΩ,
respectively. This gives a high input voltage of 3.83 V.
12V
VCC
<1kΩ
TACH
OUTPUT
FAN SPEED
COUNTER
TACHx
ADT7467
R2*
*SEE TEXT.
R1*
Figure 45. Fan with Strong TACH Pull-Up to >VCC or Totem-Pole Output,
Attenuated with R1/R2
FAN SPEED MEASUREMENT
The fan counter does not count the fan TACH output pulses
directly, because the fan speed could be less than 1000 RPM,
and it would take several seconds to accumulate a reasonably
large and accurate count. Instead, the period of the fan revolu-
tion is measured by gating an on-chip 90 kHz oscillator into the
input of a 16-bit counter for N periods of the fan TACH output
(see Figure 46); therefore, the accumulated count is actually
proportional to the fan tachometer period and inversely
proportional to the fan speed.
The number of pulses counted, N, is determined by the settings
of Register 0x7B (TACH pulses per revolution register). This
register contains two bits for each fan, allowing counting of one,
two (default), three, or four TACH pulses.
1
2
3
4
CLOCK
PWM
TACH
Figure 46. Fan Speed Measurement
Fan Speed Measurement Registers
The fan tachometer readings are 16-bit values consisting of a
2-byte read from the ADT7467.
Register 0x28 TACH1 low byte = 0x00 default
Register 0x29 TACH1 high byte = 0x00 default
Register 0x2A TACH2 low byte = 0x00 default
Register 0x2B TACH2 high byte = 0x00 default
Register 0x2C TACH3 low byte = 0x00 default
Register 0x2D TACH3 high byte = 0x00 default
Register 0x2E TACH4 low byte = 0x00 default
Register 0x2F TACH4 high byte = 0x00 default
Reading Fan Speed from the ADT7467
The measurement of fan speeds involves a 2-register read for
each measurement. The low byte should be read first. This
freezes the high byte until both high and low byte registers are
read, preventing erroneous TACH readings. The fan tachometer
reading registers report the number of 11.11 μs period clocks
(90 kHz oscillator) gated to the fan speed counter from the
rising edge of the first fan TACH pulse to the rising edge of the
third fan TACH pulse, assuming two pulses per revolution are
being counted. Because the device is essentially measuring the
fan TACH period, the higher the count value, the slower the fan
runs. A 16-bit fan tachometer reading of 0xFFFF indicates
either that the fan has stalled or is running very slowly
(<100 RPM).
High limit > comparison performed
Because the actual fan TACH period is being measured, falling
below a fan TACH limit by 1 sets the appropriate status bit and
can be used to generate an SMBALERT.
Fan TACH Limit Registers
The fan TACH limit registers are 16-bit values consisting of
two bytes.
Register 0x54 TACH1 minimum low byte = 0xFF default
Register 0x55 TACH1 minimum high byte = 0xFF default
Register 0x56 TACH2 minimum low byte = 0xFF default
Register 0x57 TACH2 minimum high byte = 0xFF default
Register 0x58 TACH3 minimum low byte = 0xFF default
Register 0x59 TACH3 minimum high byte = 0xFF default
Register 0x5A TACH4 minimum low byte = 0xFF default
Register 0x5B TACH4 minimum high byte = 0xFF default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com