Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VX6953CB Datasheet(PDF) 52 Page - STMicroelectronics

Part # VX6953CB
Description  5.1 megapixel EDOF camera module
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VX6953CB Datasheet(HTML) 52 Page - STMicroelectronics

Back Button VX6953CB Datasheet HTML 48Page - STMicroelectronics VX6953CB Datasheet HTML 49Page - STMicroelectronics VX6953CB Datasheet HTML 50Page - STMicroelectronics VX6953CB Datasheet HTML 51Page - STMicroelectronics VX6953CB Datasheet HTML 52Page - STMicroelectronics VX6953CB Datasheet HTML 53Page - STMicroelectronics VX6953CB Datasheet HTML 54Page - STMicroelectronics VX6953CB Datasheet HTML 55Page - STMicroelectronics VX6953CB Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 107 page
background image
Video timing
VX6953CB
52/107
8209023 Rev 5
6.1.2
Programmable width and height for output image data
The x_output_size and y_output_size registers are not intended as the primary cropping
controls.
They are intended to define the position of the LE/FE codes in the CCP data frame so that
the sensor does not need to calculate this based on region of interest or sub-sampling
settings. It should be expected that the host will set the output sizes to exactly enclose the
output image data. If the host should not do this, the VX6953CB treats the output sizes as
being calculated from the top left hand corner of the output array. So in the case where
output sizes are smaller than the output data, the data is cropped from its right hand and
lower limits. In the case where output sizes are larger than the output data, the lines shall be
padded out to the defined output size with undefined data.
Figure 15. Output size within a CCP data frame
CCP2 requires that the number of pixels between the line start and the line end sync codes
is:
•
a multiple of 4 pixels for RAW8
•
a multiple of 16 pixels for RAW10
The host must control the x_output_size to ensure that the above criteria is met.
6.1.3
Scaling
The VX6953CB module is compliant with the ‘Profile Level 2 - Full (Horizontal and Vertical)’
level of image scaling.
The image scaling function within the sensor module provides a flexible way of generating
lower resolution full field of view image data, at a reduced data rates, for viewfinder and
video applications.
The scaler is able to scale the full resolution of the sensor module down to within 10% of a
the target image size (the smallest output size is 256 x 192). This flexibility means that the
VX6953CB module can support a wide range of LCD viewfinder sizes and different codec
resolutions.
The VX6953CB has three scaling modes which are controlled by the scaling_mode register
shown in Figure 16.
CCP output active line length
Interframe padding
x_output_size
Output data
FE
FS
Embedded data lines



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com