Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VX6953CB Datasheet(PDF) 29 Page - STMicroelectronics

Part # VX6953CB
Description  5.1 megapixel EDOF camera module
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VX6953CB Datasheet(HTML) 29 Page - STMicroelectronics

Back Button VX6953CB Datasheet HTML 25Page - STMicroelectronics VX6953CB Datasheet HTML 26Page - STMicroelectronics VX6953CB Datasheet HTML 27Page - STMicroelectronics VX6953CB Datasheet HTML 28Page - STMicroelectronics VX6953CB Datasheet HTML 29Page - STMicroelectronics VX6953CB Datasheet HTML 30Page - STMicroelectronics VX6953CB Datasheet HTML 31Page - STMicroelectronics VX6953CB Datasheet HTML 32Page - STMicroelectronics VX6953CB Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 107 page
background image
8209023 Rev 5
29/107
VX6953CB
Register map
4
Register map
In this chapter the following abbreviations are used in the Data type and Type columns:
4.1
Status registers [0x0000 to 0x000F]
UI
Universal integer
SR
Signed real
32UI
32-bit floating
SI
Signed integer
RO
Read only
RW
Read and write
UR
Unsigned real
BBit
SF
Signed float
Table 9. Status registers [0x0000 to 0x000F]
Index
Byte
Register name
Data type Default Type
Comment
0x0000 Hi
model_id
16UI
03.B9
RO
Camera model identification
0x03B9 = 95310
0x0001 Lo
0x0002
revision_number_major
8UI
00
RO
Revision identifier of the camera for
DCC change
0x0003
manufacturer_id
8UI
01
RO Module manufacturer ID: ST
0x0004
smia_version
8UI
0A
RO 0x0A: SMIA 1.0
0x0005
frame_count
8UI
FF
RO
Frame count increments by 1 on each
frame. Rolls over at 255 to 0.
When moving from video to sleep the
frame count is reset to 255.
The frame count is also reset to 255
after a soft reset (register 0x0103).
0x0006
pixel_order
8UI
00
RO
Color pixel readout order.
Defines the order of the color pixel
readout. Changes with mirror and flip
(register 0x0101).
0x00 - GR/BG - normal
0x01 - RG/GB - horizontal mirror
0x02 - BG/GR - vertical flip
0x03 - GB/RG - vertical flip and
horizontal mirror
0x0008 Hi
data_pedestal
16UI
00.40
RO The video data is offset by 64.
0x0009 Lo



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com