Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VX6953CB Datasheet(PDF) 70 Page - STMicroelectronics

Part # VX6953CB
Description  5.1 megapixel EDOF camera module
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VX6953CB Datasheet(HTML) 70 Page - STMicroelectronics

Back Button VX6953CB Datasheet HTML 66Page - STMicroelectronics VX6953CB Datasheet HTML 67Page - STMicroelectronics VX6953CB Datasheet HTML 68Page - STMicroelectronics VX6953CB Datasheet HTML 69Page - STMicroelectronics VX6953CB Datasheet HTML 70Page - STMicroelectronics VX6953CB Datasheet HTML 71Page - STMicroelectronics VX6953CB Datasheet HTML 72Page - STMicroelectronics VX6953CB Datasheet HTML 73Page - STMicroelectronics VX6953CB Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 107 page
background image
EDOF control
VX6953CB
70/107
8209023 Rev 5
The plot in Figure 30 shows the EDoF main principle:
Figure 30. EDoF main principle
8.1
EDoF capabilities
The EDoF reconstruction engine is applied to the image after defect correction. It has
denoising, sharpening, deconvolution algorithms among others that allow recovering the
resolution.
The end user should not use the EDoF IP as a sharpness block. EDoF has a depth of field
recovery role. Oversharpening the image using EDoF before the HOST image processing
might alter the final image quality.
The EDoF reconstruction engine can improve the depth of field for a coloured image in the
range of 30 cm to infinity and for a monochrome image below 30 cm.
The EDoF block works with ranges of distances for which the correction applied will be
different:
•
5 Mpixel EDoF camera:
–
Super Macro mode: < 30cm
–
Macro mode: 30cm to 59cm
–
Portrait: 60cm to 249cm
–
Landscape: 250cm to infinity
The distance estimation analyzes gradients and relative sharpness among channels.
It first returns a measure of the sharpest channel in the image giving a macro ‘vote’ when
the sharpest channel is the blue one, portrait when it’s the green and landscape when it’s
the red.
The relative sharpness among channel varies with the object distance but also in the field of
the image (field curvature), so the votes are then weighted by calibration data in order to
obtain the most appropriate mode or distance at the output.
Note:
The aim of the distance estimation is not to obtain a precise distance but to select the best
parameterization for the correction to be applied in capture, therefore the returned distance
or specified distances range is indicative only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com