Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VX6953CB Datasheet(PDF) 54 Page - STMicroelectronics

Part # VX6953CB
Description  5.1 megapixel EDOF camera module
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VX6953CB Datasheet(HTML) 54 Page - STMicroelectronics

Back Button VX6953CB Datasheet HTML 50Page - STMicroelectronics VX6953CB Datasheet HTML 51Page - STMicroelectronics VX6953CB Datasheet HTML 52Page - STMicroelectronics VX6953CB Datasheet HTML 53Page - STMicroelectronics VX6953CB Datasheet HTML 54Page - STMicroelectronics VX6953CB Datasheet HTML 55Page - STMicroelectronics VX6953CB Datasheet HTML 56Page - STMicroelectronics VX6953CB Datasheet HTML 57Page - STMicroelectronics VX6953CB Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 107 page
background image
Video timing
VX6953CB
54/107
8209023 Rev 5
Down scaler factor
The down scaler factor is controlled by an M/N ratio, scale_m is >= 16 and scale_n is fixed
at 16. scale_m is in the range 16 to 164.
This single down scale factor is used by both the horizontal and vertical scalers. The scaler
acts upon the addressed region of the array which is determined by the x_addr_start,
y_addr_start, x_addr_end and y_addr_end registers.
Figure 18. Example image full scaled by a downscale factor of 2
6.1.4
Subsampling
Subsampling is achieved by programming the x _odd_inc, y_odd_inc, x_even_inc and
y_even_inc registers.
If the pixel being readout has an even address then the address is incremented by the even
increment value either x_even_inc or y_even_inc. If the pixel being readout has an odd
address then the address is incremented by the odd increment value either x _odd_inc or
y_odd_inc.
The subsampled readout is disabled by setting the odd and even increment values to 1.
Subsampling acts upon the addressed region of the array which is determined by the
x_addr_start, y_addr_start, x_addr_end and y_addr_end registers.
For the EDOF focus estimation to operate effectively, the x_even_inc and y_even_inc
registers must be 1.
The equation for the subsampling factor is given below:
down_scale_factor =
scale_m
scale_m
scale_n
16
=
Downscale by 2
Full (horizontal and vertical) scaling
Raw Bayer image
sub_sampling_factor
even_inc odd_inc
+
2
---------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com