Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VX6953CB Datasheet(PDF) 67 Page - STMicroelectronics

Part # VX6953CB
Description  5.1 megapixel EDOF camera module
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VX6953CB Datasheet(HTML) 67 Page - STMicroelectronics

Back Button VX6953CB Datasheet HTML 63Page - STMicroelectronics VX6953CB Datasheet HTML 64Page - STMicroelectronics VX6953CB Datasheet HTML 65Page - STMicroelectronics VX6953CB Datasheet HTML 66Page - STMicroelectronics VX6953CB Datasheet HTML 67Page - STMicroelectronics VX6953CB Datasheet HTML 68Page - STMicroelectronics VX6953CB Datasheet HTML 69Page - STMicroelectronics VX6953CB Datasheet HTML 70Page - STMicroelectronics VX6953CB Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 107 page
background image
8209023 Rev 5
67/107
VX6953CB
Application
7
Application
7.1
Schematics
Figure 27. Example of a mobile camera application (CCP2)
Note:
CCP 100R termination may be internal to a subLVDS receiver (for example,
STV0986/STV0987).
Note:
No external supply decoupling capacitors are required as the necessary components are
integrated into the module.
Note:
If the master CCI bus is powered to voltage > VDIG+0.5V, it is mandatory to insert a level
shifter on the sensor SCL and SDA lines to prevent from any electrical damage.
Note:
EXTCLK has a SCHMITT TRIGGER input.
VX6953CB
1.8V
EXTCLK
DATA+
CLK-
GND
SCL
SDA
1.8V
External clock
Power down signal
100R
100R
4.7k
XSHUTDOWN
DATA-
CLK+
SubLVDS data
SubLVDS clock
CCI control lines
VDIG
VCAP
.
2.8V
VANA
.
VCAP
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com