Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VX6953CB Datasheet(PDF) 72 Page - STMicroelectronics

Part # VX6953CB
Description  5.1 megapixel EDOF camera module
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VX6953CB Datasheet(HTML) 72 Page - STMicroelectronics

Back Button VX6953CB Datasheet HTML 68Page - STMicroelectronics VX6953CB Datasheet HTML 69Page - STMicroelectronics VX6953CB Datasheet HTML 70Page - STMicroelectronics VX6953CB Datasheet HTML 71Page - STMicroelectronics VX6953CB Datasheet HTML 72Page - STMicroelectronics VX6953CB Datasheet HTML 73Page - STMicroelectronics VX6953CB Datasheet HTML 74Page - STMicroelectronics VX6953CB Datasheet HTML 75Page - STMicroelectronics VX6953CB Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 107 page
background image
EDOF control
VX6953CB
72/107
8209023 Rev 5
8.3.1
EDoF_Mode (0xB80)
The EDoF block can be disabled or enabled. The interest of disabling this block would be to
save some power consumption. When enabled, EDoF has two modes:
•
Estimation mode
This mode is dedicated to image preview (Viewfinder) only. EDoF correction is not
applied but statistics are gathered for distance estimation. Estimation mode can be full
resolution, subsampled or binned image up to a maximum of x4 in both directions. If
too much subsampling is performed the image out of the sensor becomes sharp and
focus distance estimation is not possible. This is similar to the mechanical auto focus
control which requires an image large enough to allow detecting sharpness variation
with focus.
ISP should therefore ensure that at least the last frame before capture is set to either
one quarter of the full resolution in each direction or a higher resolution.
In other words, as an example, this means that the minimum input image size when no
crop is applied on the sensor is approximately 640 x 480 for a 5 Mpixel sensor.
•
Application mode
This mode is for capture (or snapshot) mode. The EDoF distance calculated during
estimation is applied to the image. The application mode can only be enabled after the
estimation mode has been selected, otherwise the EDoF correction will not be applied.
EDoF cannot be applied to subsampled or binned images as it is not necessary to
correct images when they are subsampled as the image blur introduced by the lens
does not need to be corrected when images are downscaled. No focus distance
estimates are performed in application mode, even in multi-shot mode.
For preview mode, set the 0x0B80 register in estimation mode:
0x0B80 = 0x02; // EDOF enabled for estimation mode
For capture mode, set the 0x0B80 register in application mode:
0x0B80 = 0x01; // EDOF enabled for application mode
Note:
Before enabling application mode, estimation mode has to be applied for a minimum of one
frame so as to estimate the EDoF focus distance. This information is used in application
mode when the image data is corrected. If estimation mode is not enabled prior to
application mode, no correction will be applied to the captured image.
0x0B88 Hi
edof_focus_distance
16UI
00.32
RW
Value supplied by the host which is
used by VX6953CB for focus distance
(in cm).
0x0000 to 0x7FFF - manual mode
0x8000 to 0xFFFF - limited auto
0x0B89 Lo
0x0B8A
edof_estimation_control
8UI
00
RW
EDOF estimator control
1 - uniform
2 - centre weight
4 - large spot
8 - narrow spot
Table 41. EDOF registers [0x0B80 to 0x0B8A] (continued)
Index
Byte
Register name
Data type Default Type
Comment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com