Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VX6953CB Datasheet(PDF) 18 Page - STMicroelectronics

Part # VX6953CB
Description  5.1 megapixel EDOF camera module
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VX6953CB Datasheet(HTML) 18 Page - STMicroelectronics

Back Button VX6953CB Datasheet HTML 14Page - STMicroelectronics VX6953CB Datasheet HTML 15Page - STMicroelectronics VX6953CB Datasheet HTML 16Page - STMicroelectronics VX6953CB Datasheet HTML 17Page - STMicroelectronics VX6953CB Datasheet HTML 18Page - STMicroelectronics VX6953CB Datasheet HTML 19Page - STMicroelectronics VX6953CB Datasheet HTML 20Page - STMicroelectronics VX6953CB Datasheet HTML 21Page - STMicroelectronics VX6953CB Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 107 page
background image
Functional description
VX6953CB
18/107
8209023 Rev 5
3.2
Digital video block
The main features of the digital video block are:
•
frame rate: 16.65 frame/s maximum can be reduced down to less than 3 frame/s
(5.0 Mpixel) using frame extension
•
automatic dark calibration to ensure consistent video level over varying scenes
•
on-chip power-on-reset cell
•
output format: 5.0 Mpixel 2608 x 1960 (maximum)
3.2.1
Dark calibration algorithm
The VX6953CB runs a dark calibration algorithm on the raw image data to control the video
offsets caused by dark current. This ensures that a high quality image is output over a range
of operating conditions. The first frame dark level is correctly calibrated, for subsequent
frames the adjustment of the dark level is damped by a leaky integrator function to avoid
possible frame to frame flicker.
3.3
Device operating modes
Figure 5. System state diagram
Power-OFF
CSI-2
HW-standby
CSI-2
SW_standby
CSI-2
CSI-2
STREAMING
SW_standby
CCP2
CCP2
STREAMING
Power supplies
OFF
Power supplies
OFF
Power supplies
OFF
Power supplies
ON
CCI
CCI
CCI
CCI
XSHUTDOWN
XSHUTDOWN
Power supplies
OFF
XSHUTDOWN is
high
CCI
is LOW
XSHUTDOWN
is LOW
is LOW
Power supplies
OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com