Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VX6953CB Datasheet(PDF) 25 Page - STMicroelectronics

Part # VX6953CB
Description  5.1 megapixel EDOF camera module
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VX6953CB Datasheet(HTML) 25 Page - STMicroelectronics

Back Button VX6953CB Datasheet HTML 21Page - STMicroelectronics VX6953CB Datasheet HTML 22Page - STMicroelectronics VX6953CB Datasheet HTML 23Page - STMicroelectronics VX6953CB Datasheet HTML 24Page - STMicroelectronics VX6953CB Datasheet HTML 25Page - STMicroelectronics VX6953CB Datasheet HTML 26Page - STMicroelectronics VX6953CB Datasheet HTML 27Page - STMicroelectronics VX6953CB Datasheet HTML 28Page - STMicroelectronics VX6953CB Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 107 page
background image
8209023 Rev 5
25/107
VX6953CB
Functional description
3.4.3
Internal power-on reset (POR)
The VX6953CB internally performs a power-on reset (POR) when the 1V2 Vcore digital
supply rises through the trigger level, Vtrig_rising. Similarly, if the 1V2 Vcore digital power
supply falls through the trigger level, Vtrig_falling, then the power-on reset will also trigger.
Definitions
Rise threshold voltage (VTRIGR) is the supply voltage level that is recognised by the POR
as voltage “HIGH”. Only after the supply reaches this level does the output of POR change
to high level if it is off, after a specified amount of delay.
Fall threshold voltage (VTRIGF) is the supply voltage level that is recognised by the POR
as voltage “LOW”. Only after the supply reaches this level does the output of POR change
to low (ground) level if it is on.
Burst width (pw). Burst is the negative pulse riding the supply signal. The burst width is
measured as the amount of duration for which the supply signal dropped beyond the
threshold levels.
Delay duration (TPOR) is defined as the time duration for which POR stays off before
repowering. Each reset of POR will impart a specified delay duration before POR repowers.
Figure 9. POR timing
Table 7. POR cell characteristics
Symbol
Constraint
Min
Typ.
Max
Units
VTRIGR
POR rise voltage detection
-
-
0.95
V
VTRIGF
POR fall voltage detection
0.4
-
-
V
Tburst (pw)
Burst filter
-
2
8
µs
Tpor
Delay duration
-
20
45
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com