Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VX6953CB Datasheet(PDF) 48 Page - STMicroelectronics

Part # VX6953CB
Description  5.1 megapixel EDOF camera module
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VX6953CB Datasheet(HTML) 48 Page - STMicroelectronics

Back Button VX6953CB Datasheet HTML 44Page - STMicroelectronics VX6953CB Datasheet HTML 45Page - STMicroelectronics VX6953CB Datasheet HTML 46Page - STMicroelectronics VX6953CB Datasheet HTML 47Page - STMicroelectronics VX6953CB Datasheet HTML 48Page - STMicroelectronics VX6953CB Datasheet HTML 49Page - STMicroelectronics VX6953CB Datasheet HTML 50Page - STMicroelectronics VX6953CB Datasheet HTML 51Page - STMicroelectronics VX6953CB Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 107 page
background image
Video data interface
VX6953CB
48/107
8209023 Rev 5
5
Video data interface
The video stream which is output from the VX6953CB through the compact camera port
(CCP) or camera serial interface (CSI) contains both video data and other auxiliary
information. This chapter describes the frame formats.
The VX6953CB is SMIA version 1.0 and MIPI CSI-2 version 1.00 and D-PHY v1.00
compliant meaning it is compatible with both v0.90 and v1.00 D-PHY receivers.
The selection of the video data format is controlled using the register
CSI_SIGNALLING_MODE (0x0111):
0 - CCP2 data/clock
1 - CCP2 data/strobe
2 - CSI-2 (default)
Changing the video data format must be performed when the sensor is in software standby.
The VX6953CB has one CSI-2 data lane capable of transmitting at 800 Mbps. However,
while in CCP2 interface the maximum data rate is 640 Mbps.
The CSI-2 data lane transmitter supports:
•
Unidirectional master
•
HS-TX
•
LP-TX (ULPS)
•
CIL-MUYN function
The CSI-2 clock lane transmitter supports:
•
Unidirectional master
•
HS-TX
•
LP-TX (ULPS)
•
CIL-MCNN function
5.1
Frame format
The frame format for the VX6953CB is described by the frame format descriptors, see
Table 10 on page 30. For CCP this results in a frame as shown in Figure 12 and for CSI it
results in a frame as shown in Figure 13.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com