Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VX6953CB Datasheet(PDF) 93 Page - STMicroelectronics

Part # VX6953CB
Description  5.1 megapixel EDOF camera module
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VX6953CB Datasheet(HTML) 93 Page - STMicroelectronics

Back Button VX6953CB Datasheet HTML 89Page - STMicroelectronics VX6953CB Datasheet HTML 90Page - STMicroelectronics VX6953CB Datasheet HTML 91Page - STMicroelectronics VX6953CB Datasheet HTML 92Page - STMicroelectronics VX6953CB Datasheet HTML 93Page - STMicroelectronics VX6953CB Datasheet HTML 94Page - STMicroelectronics VX6953CB Datasheet HTML 95Page - STMicroelectronics VX6953CB Datasheet HTML 96Page - STMicroelectronics VX6953CB Datasheet HTML 97Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 107 page
background image
8209023 Rev 5
93/107
VX6953CB
Electrical characteristics
12.3.2
Power supply ripple requirement
It is recommended that the application meets the following requirements on the power
supply signal in 10 kHz to 1.4 MHz.
Table 47. In-rush current VDIG, VANA for CSI-2 interface
Parameter
Digital
Analog
Unit
Typ.
Max.
Typ.
Max.
Boot clock peak current(1)
1. This corresponds to the transient current when XSHUTDOWN is powered up and the sensor is
being set SW_Standby mode. Max value is given for Max VDD and 70c temperature. Typical
value is for 25C and VDD is set to nominal value.
100
140
235
260
mA
Start Streaming current(2)
2. When the sensor is changed from Software standby to Streaming mode. Max value is given for
Max VDD and 70c temperature. Typical value is for 25C and VDD is set to nominal value.
175
210
150
150
mA
Stop Streaming current(3)
3. When the sensor is changed from streaming to Software standby. Max value is given for Max
VDD and 70c temperature. Typical value is for 25C and VDD is set to nominal value.
175
210
150
150
mA
In streaming mode while changing
sensor settings
200
240
150
150
mA
Table 48. Ripple requirement
Symbol
Parameter
Max.
Unit
Ripple_VANA
Peak to peak max ripple on analogue power
supply (
10 kHz to 1.4 MHz)
6mV
Ripple_VDIG
Peak to peak max ripple on digital power
supply
50
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com