Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VX6953CB Datasheet(PDF) 68 Page - STMicroelectronics

Part # VX6953CB
Description  5.1 megapixel EDOF camera module
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VX6953CB Datasheet(HTML) 68 Page - STMicroelectronics

Back Button VX6953CB Datasheet HTML 64Page - STMicroelectronics VX6953CB Datasheet HTML 65Page - STMicroelectronics VX6953CB Datasheet HTML 66Page - STMicroelectronics VX6953CB Datasheet HTML 67Page - STMicroelectronics VX6953CB Datasheet HTML 68Page - STMicroelectronics VX6953CB Datasheet HTML 69Page - STMicroelectronics VX6953CB Datasheet HTML 70Page - STMicroelectronics VX6953CB Datasheet HTML 71Page - STMicroelectronics VX6953CB Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 107 page
background image
Application
VX6953CB
68/107
8209023 Rev 5
Figure 28. Example of a mobile camera application (CSI2)
Note:
The CSI-2 receiver is mandated to have an internal termination which is dynamically
switched in and out depending on whether the link is in HIGH SPEED mode or in LOW
POWER mode. This transition happens every line.
7.2
Personality file and firmware updates
Contact ST for the latest copy of the sensor “Startup procedure application note” that details
the procedure to initialize the sensor prior to streaming. It includes FW and sensor
optimization settings. The settings must be written through the CCI link to overwrite the
default register settings, see Chapter 4: Register map on page 29.
VX6953CB
1.8V
EXTCLK
DATA+
CLK-
GND
SCL
SDA
1.8V
External clock
Power down signal
4.7k
XSHUTDOWN
DATA-
CLK+
SubLVDS data
SubLVDS clock
CCI control lines
VDIG
VCAP
.
2.8V
VANA
.
VCAP
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com