Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VX6953CB Datasheet(PDF) 43 Page - STMicroelectronics

Part # VX6953CB
Description  5.1 megapixel EDOF camera module
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VX6953CB Datasheet(HTML) 43 Page - STMicroelectronics

Back Button VX6953CB Datasheet HTML 39Page - STMicroelectronics VX6953CB Datasheet HTML 40Page - STMicroelectronics VX6953CB Datasheet HTML 41Page - STMicroelectronics VX6953CB Datasheet HTML 42Page - STMicroelectronics VX6953CB Datasheet HTML 43Page - STMicroelectronics VX6953CB Datasheet HTML 44Page - STMicroelectronics VX6953CB Datasheet HTML 45Page - STMicroelectronics VX6953CB Datasheet HTML 46Page - STMicroelectronics VX6953CB Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 107 page
background image
8209023 Rev 5
43/107
VX6953CB
Register map
0x111C Hi
max_pll_op_freq_mhz
32SF
44.48
00.00
RO
Maximum PLL output clock frequency
Units: MHz
Value: 800.0
0x111D 3rd
0x111E 2nd
0x111F Lo
0x1120 Hi
min_vt_sys_clk_div
16UI
00.01
RO
Minimum video-timing system clock
divider value
Value: 1
In data/clock mode, the minimum
value is 2.
0x1121 Lo
0x1122 Hi
max_vt_sys_clk_div
16UI
00.04
RO
Maximum video-timing system clock
divider value
Value: 4
0x1123 Lo
0x1124 Hi
min_vt_sys_clk_freq_mhz
32SF
43.30
00.00
RO
Minimum video-timing system clock
frequency
Units: MHz
Value: 176.0
0x1125 3rd
0x1126 2nd
0x1127 Lo
0x1128 Hi
max_vt_sys_clk_freq_mhz
32SF
44.48
00.00
RO
Maximum video-timing system clock
frequency
Units: MHz
Value: 800.0
0x1129 3rd
0x112A 2nd
0x112B Lo
0x112C Hi
min_vt_pix_clk_freq_mhz
32SF
42.30
00.00
RO
Minimum video-timing pixel clock
frequency
Units: MHz
Value: 44.0
0x112D 3rd
0x112E 2nd
0x112F Lo
0x1130 Hi
max_vt_pix_clk_freq_mhz
32SF
42.B8
00.00
RO
Maximum video-timing pixel clock
frequency
Units: MHz
Value: 92.0
0x1131 3rd
0x1132 2nd
0x1133 Lo
0x1134 Hi
min_vt_pix_clk_div
16UI
00.04
RO
Minimum video-timing pixel clock
divider
Value: 4
0x1135 Lo
0x1136 Hi
max_vt_pix_clk_div
16UI
00.0A
RO
Maximum video-timing pixel clock
divider
Value: 10
0x1137 Lo
0x1140 Hi
min_frame_length_lines
16UI
00.28
RO
Minimum frame length allowed.
Value = 40
Units: Lines
0x1141 Lo
Table 27. Video timing parameter limit registers [0x1100 to 0x11FF] (continued)
Index Byte
Register name
Data type Default Type
Comment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com