Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VX6953CB Datasheet(PDF) 37 Page - STMicroelectronics

Part # VX6953CB
Description  5.1 megapixel EDOF camera module
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VX6953CB Datasheet(HTML) 37 Page - STMicroelectronics

Back Button VX6953CB Datasheet HTML 33Page - STMicroelectronics VX6953CB Datasheet HTML 34Page - STMicroelectronics VX6953CB Datasheet HTML 35Page - STMicroelectronics VX6953CB Datasheet HTML 36Page - STMicroelectronics VX6953CB Datasheet HTML 37Page - STMicroelectronics VX6953CB Datasheet HTML 38Page - STMicroelectronics VX6953CB Datasheet HTML 39Page - STMicroelectronics VX6953CB Datasheet HTML 40Page - STMicroelectronics VX6953CB Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 107 page
background image
8209023 Rev 5
37/107
VX6953CB
Register map
4.9
Image compression registers [0x0500 to 0x05FF]
4.10
Test pattern registers [0x0600 to 0x06FF]
Table 17. Image compression registers [0x0500 to 0x05FF]
Index Byte
Register name
Data type Default Type
Comment
0x0500 Hi
compression_mode
16UI
00.01
RO
1 – DPCM/PCM compression
(simple predictor)
0x0501 Lo
Table 18. Test pattern registers [0x0600 to 0x06FF]
Index Byte
Register name
Data type Default Type
Comment
0x0600 Hi
test_pattern_mode
16UI
00.00
RW
0 – normal operation (default)
1 – solid color bars
2 – 100% color bars
3 – fade to grey’ color bars
4 – PN9
5 to 255 - reserved
0x0601 Lo
0x0602 Hi
test_data_red
16UI
00.00
RW
The test data used to replace red pixel
data. Range 0 to 1023.(1)
0x0603 Lo
0x0604 Hi
test_data_greenR
16UI
00.00
RW
The test data used to replace green
pixel data on rows that also have red
pixels. Valid range 0 to 1023.(1)
0x0605 Lo
0x0606 Hi
test_data_blue
16UI
00.00
RW
The test data used to replace blue
pixel data. Range 0 to 1023.(1)
0x0607 Lo
0x0608 Hi
test_data_greenB
16UI
00.00
RW
The test data used to replace green
pixel data on rows that also have blue
pixels. Range 0 to 1023.(1)
0x0609 Lo
0x060A Hi
horizontal_cursor_width
16UI
00.00
RW
Defines the width of the horizontal
cursor (in pixels).
0x060B Lo
0x060C Hi
horizontal_cursor_position
16UI
00.00
RW
Defines the top edge of the horizontal
cursor.
0x060D Lo
0x060E Hi
vertical_cursor_width
16UI
00.00
RW
Defines the width of the vertical cursor
(in pixels).
0x060F Lo
0x0610 Hi
vertical_cursor_position
16UI
00.00
RW
Defines the left hand edge of the
vertical cursor.
A value of 0x0FFF switches the
vertical cursor into automatic mode
where it automatically advances every
frame.
0x0611 Lo
1. Some clipping of these values may occur to prevent false sync codes being generated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com