Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VX6953CB Datasheet(PDF) 51 Page - STMicroelectronics

Part # VX6953CB
Description  5.1 megapixel EDOF camera module
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VX6953CB Datasheet(HTML) 51 Page - STMicroelectronics

Back Button VX6953CB Datasheet HTML 47Page - STMicroelectronics VX6953CB Datasheet HTML 48Page - STMicroelectronics VX6953CB Datasheet HTML 49Page - STMicroelectronics VX6953CB Datasheet HTML 50Page - STMicroelectronics VX6953CB Datasheet HTML 51Page - STMicroelectronics VX6953CB Datasheet HTML 52Page - STMicroelectronics VX6953CB Datasheet HTML 53Page - STMicroelectronics VX6953CB Datasheet HTML 54Page - STMicroelectronics VX6953CB Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 107 page
background image
8209023 Rev 5
51/107
VX6953CB
Video timing
6
Video timing
6.1
Output size
The VX6953CB has the following methods available to achieve the required output size,
these can be used independently or in conjunction with any other:
•
programmable addressable region of the pixel array
•
programmable width and height for output image data
•
scaling
•
subsampling
The programmable image size and output size are independent functions. It is the
responsibility of the host to ensure that these functions are programmed correctly for the
intended application. These functions also reduce the amount of data and therefore reduce
the peak data rate of CCP2/CSI-2.
6.1.1
Programmable addressable region of the pixel array
The native size for the VX6953CB is 2592 x 1944, the maximum addressable array is
2608 x 1960 which gives border pixels (outer eight rows and eight columns) for the color
reconstruction algorithms to use at the edges of the array.
By programming the x_addr_start, y_addr_start, x_addr_end and y_addr_end registers it is
possible to use the full size of the array as you would do for a native size output or you can
select a ‘window of interest’. The addressed region of the array is used in any subsequent
sub-sampling or scaling. See Figure 14.
Figure 14. Programmable addressable region of the pixel array
The host must ensure the following rules are kept;
•
the end address must be greater than the start address
•
the x and y start addresses are restricted to even numbers only, and the x and y end
addresses are restricted to odd numbers only, to ensure that there is always a even
number of pixels readout
y_addr_max =1959
x_addr_max =2607
y_addr_min = 0
x_addr_min = 0
x_addr_max, y_addr_max
x_addr_end, y_addr_end
Addressed
pixel array region
x_addr_start, y_addr_start
x_addr_min, y_addr_min



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com