Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VX6953CB Datasheet(PDF) 100 Page - STMicroelectronics

Part # VX6953CB
Description  5.1 megapixel EDOF camera module
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VX6953CB Datasheet(HTML) 100 Page - STMicroelectronics

Back Button VX6953CB Datasheet HTML 96Page - STMicroelectronics VX6953CB Datasheet HTML 97Page - STMicroelectronics VX6953CB Datasheet HTML 98Page - STMicroelectronics VX6953CB Datasheet HTML 99Page - STMicroelectronics VX6953CB Datasheet HTML 100Page - STMicroelectronics VX6953CB Datasheet HTML 101Page - STMicroelectronics VX6953CB Datasheet HTML 102Page - STMicroelectronics VX6953CB Datasheet HTML 103Page - STMicroelectronics VX6953CB Datasheet HTML 104Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 107 page
background image
Optical specification
VX6953CB
100/107
8209023 Rev 5
13.2
Text, 1D and 2D codes reading
The VX6953CB camera module features a supermacro mode (Section 8.4: Supermacro
mode on page 74) dedicated to business card and text reading as well as barcode (1D) and
2D QR code reading using a monochrome image. Refer to application note for detailed
image processing optimization.
Figure 49. Barcode and QR code examples
The performances in Table 60 were achieved on VX6953CB cut 3.0 production limit
samples in supermacro mode using ST’s image processing pipe and with standard mobile
phone application QR decoder software.
Refer to the EDoF application note for recommendations on host image processing pipe
tuning for QR/barcode reading.
Table 60. QR code (2D)resolution reading capability
Performances
Working distances (cm)
QR code 0.339 mm
25 to 28 cm
QR code 0.4 mm
20 to 30 cm
QR code 0.5 mm
15 to 30 cm
QR code 0.6 mm
15 to 30 cm
QR code 0.7 mm
15 to 30 cm
QR code
Barcode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com