Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VX6953CB Datasheet(PDF) 32 Page - STMicroelectronics

Part # VX6953CB
Description  5.1 megapixel EDOF camera module
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VX6953CB Datasheet(HTML) 32 Page - STMicroelectronics

Back Button VX6953CB Datasheet HTML 28Page - STMicroelectronics VX6953CB Datasheet HTML 29Page - STMicroelectronics VX6953CB Datasheet HTML 30Page - STMicroelectronics VX6953CB Datasheet HTML 31Page - STMicroelectronics VX6953CB Datasheet HTML 32Page - STMicroelectronics VX6953CB Datasheet HTML 33Page - STMicroelectronics VX6953CB Datasheet HTML 34Page - STMicroelectronics VX6953CB Datasheet HTML 35Page - STMicroelectronics VX6953CB Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 107 page
background image
Register map
VX6953CB
32/107
8209023 Rev 5
4.4
Data format description registers [0x00C0 to 0x00FF]
The data format description registers specify which CCP CSI-2 data formats the SMIA
camera module supports. Specifically VX6953CB supports RAW 8, 10-8 compressed and
RAW10.
4.5
Setup registers [0x0100 to 0x01FF]
Table 12. Data format description registers [0x00C0 to 0x00FF]
Index Byte
Register name
Data type Default Type
Comment
0x00C0
data_format_model_type
8UI
01
RO
2-byte generic data format model.
Always 0x01.
0x00C1
data_format_model_subtype
8UI
03
RO Number of descriptors, that is, 3
0x00C2 Hi
data_format_descriptor_0
16UI
08.08
RO
Top 8-bits of internal pixel data
transmitted as RAW 8.
0x00C3 Lo
0x00C4 Hi
data_format_descriptor_1
16UI
0A.0A
RO
Top 10-bits of internal pixel data
transmitted as RAW 10.
0x00C5 Lo
0x00C6 Hi
data_format_descriptor_2
16UI
0A.08
RO
Compress top 10-bits of internal pixel
data to 8. Transmitted as RAW 8
mode.
0x00C7 Lo
Table 13. Setup registers [0x0100 to 0x01FF]
Index Byte
Register name
Data type Default Type
Comment
0x0100
mode_select
8UI
00
RW
Mode select
0x00 - Software standby
0x01 - Streaming
Refer to Section 3.3: Device operating
modes on page 18.
0x0101
image_orientation
8UI
00
RW
Image orientation, that is, horizontal
mirror and vertical flip.
Bit 0: 0 - no mirror, 1 - horizontal mirror
enable
Bit 1: 0 - no flip, 1 - vertical flip enable
0x0103
software_reset
8UI
00
RW
Software reset. Setting this register to
1 resets the sensor to its power up
defaults. The value of this bit is also
reset.
0x00 - normal
0x01 - soft reset
Refer to Section 3.3: Device operating
modes on page 18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com