Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VX6953CB Datasheet(PDF) 16 Page - STMicroelectronics

Part # VX6953CB
Description  5.1 megapixel EDOF camera module
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VX6953CB Datasheet(HTML) 16 Page - STMicroelectronics

Back Button VX6953CB Datasheet HTML 12Page - STMicroelectronics VX6953CB Datasheet HTML 13Page - STMicroelectronics VX6953CB Datasheet HTML 14Page - STMicroelectronics VX6953CB Datasheet HTML 15Page - STMicroelectronics VX6953CB Datasheet HTML 16Page - STMicroelectronics VX6953CB Datasheet HTML 17Page - STMicroelectronics VX6953CB Datasheet HTML 18Page - STMicroelectronics VX6953CB Datasheet HTML 19Page - STMicroelectronics VX6953CB Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 107 page
background image
Device pinout
VX6953CB
16/107
8209023 Rev 5
Control
5
SCL
I
Serial communication clock
6
SDA
I/O
Serial communication data
Data
8
CLK-
SubLVDS output Output qualifying clock
9
CLK+
SubLVDS output Output qualifying clock
11
DATA-
SubLVDS output Serial output data
12
DATA+
SubLVDS output Serial output data
ST test
T1 to T8
ST test pins
Do not connect(4)
1. VCAP is internal to the module.
2. Signal is active low.
3. The EXTCLK pad has a Schmitt trigger input.
4. Test pins are not floating.
Table 3. Pin descriptions (continued)
Pad number
Pad name
I/O type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com