Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VX6953CB Datasheet(PDF) 78 Page - STMicroelectronics

Part # VX6953CB
Description  5.1 megapixel EDOF camera module
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VX6953CB Datasheet(HTML) 78 Page - STMicroelectronics

Back Button VX6953CB Datasheet HTML 74Page - STMicroelectronics VX6953CB Datasheet HTML 75Page - STMicroelectronics VX6953CB Datasheet HTML 76Page - STMicroelectronics VX6953CB Datasheet HTML 77Page - STMicroelectronics VX6953CB Datasheet HTML 78Page - STMicroelectronics VX6953CB Datasheet HTML 79Page - STMicroelectronics VX6953CB Datasheet HTML 80Page - STMicroelectronics VX6953CB Datasheet HTML 81Page - STMicroelectronics VX6953CB Datasheet HTML 82Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 107 page
background image
Image optimization
VX6953CB
78/107
8209023 Rev 5
9.1
Defect categorization
9.1.1
Pixel defects
Illuminated defects are tested with a flat field illumination and a pass-fail criteria that is a
percentage deviation from a local mean. In order to effectively test the sensor in a
reasonable test time, it is necessary to put the limits of gain error above the normal noise
distribution of photon shot noise and sensor noise otherwise false single pixel fails are
detected. A typical defect criteria for single-pixel gain errors is ± 9%. In fact, any element in
the array outside ±9% is a “minor” fail, and outside of ± 25% is a “major” fail.
Note:
The defect detection method is applied to raw Bayer images.
9.1.2
Sensor array area definition
For specific aspects of pixel defect testing the image sensor array is subdivided into two
regions as illustrated in Figure 33.
Figure 33. VX6953CB pixel defect test area
The inner array in Figure 33 is centre justified, in the x and y axis, with respect to the outer
array. The inner array is 50% of the full width and 50% of the full height of the larger outer
array, therefore the inner array is one quarter of the area of the outer array.
Note:
The border pixels (outer eight rows and columns) affect the image quality of the
reconstructed picture to a lesser degree than the actual image pixels (2592 x 1944), due to
their lower contribution within the reconstruction algorithm, but for simplicity we test them as
the image pixels, hence the test image size for defects will be 2608 x 1960.
Outer Area
Inner Area
1304 pixels
2608 pixels
1960
pixels
980
pixels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com