Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VX6953CB Datasheet(PDF) 15 Page - STMicroelectronics

Part # VX6953CB
Description  5.1 megapixel EDOF camera module
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VX6953CB Datasheet(HTML) 15 Page - STMicroelectronics

Back Button VX6953CB Datasheet HTML 11Page - STMicroelectronics VX6953CB Datasheet HTML 12Page - STMicroelectronics VX6953CB Datasheet HTML 13Page - STMicroelectronics VX6953CB Datasheet HTML 14Page - STMicroelectronics VX6953CB Datasheet HTML 15Page - STMicroelectronics VX6953CB Datasheet HTML 16Page - STMicroelectronics VX6953CB Datasheet HTML 17Page - STMicroelectronics VX6953CB Datasheet HTML 18Page - STMicroelectronics VX6953CB Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 107 page
background image
8209023 Rev 5
15/107
VX6953CB
Device pinout
2
Device pinout
Figure 3 provides the pin positions and Table 3 provides the signal descriptions.
Figure 3. VX6953CB module pinout (viewed from bottom of camera module)
Table 3. Pin descriptions
Pad number
Pad name
I/O type
Description
Power supplies
1
VCAP
PWR
No connection required(1)
7
GND
PWR
Ground (combined)
2
VANA
PWR
Analog power supply (typically 2.8V)
10
VDIG
PWR
Digital power supply (typically 1.8V)
System
3
XSHUTDOWN
I
Power down control(2)
4
EXTCLK
I
System clock input (6 MHz to 27 MHz) (3)
12
3
4
5
6
7
8
9
10
11
12
T1
T2
T3
T4
T5
T6
T7
T8
Orientation key



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com