Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VX6953CB Datasheet(PDF) 90 Page - STMicroelectronics

Part # VX6953CB
Description  5.1 megapixel EDOF camera module
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VX6953CB Datasheet(HTML) 90 Page - STMicroelectronics

Back Button VX6953CB Datasheet HTML 86Page - STMicroelectronics VX6953CB Datasheet HTML 87Page - STMicroelectronics VX6953CB Datasheet HTML 88Page - STMicroelectronics VX6953CB Datasheet HTML 89Page - STMicroelectronics VX6953CB Datasheet HTML 90Page - STMicroelectronics VX6953CB Datasheet HTML 91Page - STMicroelectronics VX6953CB Datasheet HTML 92Page - STMicroelectronics VX6953CB Datasheet HTML 93Page - STMicroelectronics VX6953CB Datasheet HTML 94Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 107 page
background image
Electrical characteristics
VX6953CB
90/107
8209023 Rev 5
12
Electrical characteristics
References:
•
SMIA Characterization Specification - Revision 1
•
SMIA CCP2 Specification ECR0002 - Revision 1
•
SMIA CCP2 Specification - Revision 1
Typical values quoted for nominal voltage, process and temperature. Maximum values are
quoted for worst case conditions (process, voltage and functional temperature) unless
otherwise specified. Maximum values are quoted for worst case (process, voltage and test
temperature).
12.1
Operating conditions
•
Storage temperature: Camera has no permanent degradation.
•
Functional operating temperature: Camera is electrically functional.
•
Normal operating temperature: Camera produces ‘acceptable’ images.
•
Optimum performance temperature: Camera produces optimal optical performance.
•
Test temperature: 100% tested parameters are measured at this temperature.
Table 43. Operating conditions
Symbol
Parameter
Min.
Typ.
Max.
Unit
Voltage
VDIG
Digital power supply
1.68
1.8
1.92
V
VANA
Analog power supply
2.3
2.8
2.9
V
VIP(DIG)
Digital input voltage(1)
1. Digital input: EXTCLK, XSHUTDOWN, SCL, SDA.
0
-
1.92
V
Temperature
TAS
Temperature (storage)
-40
-
+85
°C
TAF
Temperature (functional operating)
-30
+70
°C
TAN
Temperature (normal operating)
-25
+55
°C
TAO
Temperature (optimal operating)
+5
+40
°C
TAT
Temperature (test)
+21
+25
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com