Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VX6953CB Datasheet(PDF) 62 Page - STMicroelectronics

Part # VX6953CB
Description  5.1 megapixel EDOF camera module
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VX6953CB Datasheet(HTML) 62 Page - STMicroelectronics

Back Button VX6953CB Datasheet HTML 58Page - STMicroelectronics VX6953CB Datasheet HTML 59Page - STMicroelectronics VX6953CB Datasheet HTML 60Page - STMicroelectronics VX6953CB Datasheet HTML 61Page - STMicroelectronics VX6953CB Datasheet HTML 62Page - STMicroelectronics VX6953CB Datasheet HTML 63Page - STMicroelectronics VX6953CB Datasheet HTML 64Page - STMicroelectronics VX6953CB Datasheet HTML 65Page - STMicroelectronics VX6953CB Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 107 page
background image
Video timing
VX6953CB
62/107
8209023 Rev 5
Calculate the floating point value of the fifo_water_mark_pixels:
Then round up this value;
6.3
Bayer pattern
The three color (red, green, blue) filters are arranged over the pixel array in a repeated 2 x 2
arrangement known as the Bayer pattern. When the sensor array is read, the output order of
red, green, blue depends on the settings of vertical flip and horizontal mirror.
See Figure 25 for read-out order for the default settings of vertical flip and horizontal mirror
both turned off. Vertical flip will change the first line to be output from a green/red line to a
blue/green line and horizontal mirror will change the sequence within a line, say, green/red
to red/green.
As shown in Figure 25, the first pixel to be readout from the imaging array will be green
followed by red.
*
scale_factor
scale_factor - derating
x_output_size
fifo_water_mark_pixels(flt)=
fifo_water_mark_pixels = fifo_water_mark_pixels(flt) + 40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com