Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VX6953CB Datasheet(PDF) 35 Page - STMicroelectronics

Part # VX6953CB
Description  5.1 megapixel EDOF camera module
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VX6953CB Datasheet(HTML) 35 Page - STMicroelectronics

Back Button VX6953CB Datasheet HTML 31Page - STMicroelectronics VX6953CB Datasheet HTML 32Page - STMicroelectronics VX6953CB Datasheet HTML 33Page - STMicroelectronics VX6953CB Datasheet HTML 34Page - STMicroelectronics VX6953CB Datasheet HTML 35Page - STMicroelectronics VX6953CB Datasheet HTML 36Page - STMicroelectronics VX6953CB Datasheet HTML 37Page - STMicroelectronics VX6953CB Datasheet HTML 38Page - STMicroelectronics VX6953CB Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 107 page
background image
8209023 Rev 5
35/107
VX6953CB
Register map
4.7
Video timing registers [0x0300 to 0x03FF]
For a full description of the video timing registers please refer to Chapter 6: Video timing on
page 51.
Table 15. Video timing registers [0x0300 to 0x03FF]
Index
Byte
Register name
Data type Default Type
Comment
0x0300 Hi
vt_pix_clk_div
16UI
00.0A
RW
Number of system clocks per pixel
clock.
0x0301 Lo
0x0302 Hi
vt_sys_clk_div
16UI
00.01
RW System clock divider value.
0x0303 Lo
0x0304 Hi
pre_pll_clk_div
16UI
00.01
RW Pre PLL clock divider value.
0x0305 Lo
0x0306 Hi
pll_multiplier
16UI
00.84
RW
PLL multiplier value.
Only even numbers should be used
(odd values will result in the nearest
lower even value being used).
Value: 132
0x0307 Lo
0x0308 Hi
op_pix_clk_div
16UI
00.0A
RW
Number of output system clocks per
pixel clock.
0x0309 Lo
0x030A Hi
op_sys_clk_div
16UI
00.01
RW Output system clock divider value.
0x030B Lo
0x0340 Hi
frame_length_lines
16UI
08.86
RW
Frame length.
Value: 2182
Units: Lines
0x0341 Lo
0x0342 Hi
line_length_pck
16UI
0A.BE
RW
Line length.
Value: 2750
Units: Pixel clocks
0x0343 Lo
0x0344 Hi
x_addr_start
16UI
00.00
RW
X-address of the top left corner of the
visible pixel data.
Units: Pixels
0x0345 Lo
0x0346 Hi
y_addr_start
16UI
00.00
RW
Y-address of the top left corner of the
visible pixel data.(1)
Units: Lines
0x0347 Lo
0x0348 Hi
x_addr_end
16UI
0A.2F
RW
X-address of the bottom right corner of
the visible pixel data.
Units: Pixels
0x0349 Lo
0x034A Hi
y_addr_end
16UI
07.A7
RW
Y-address of the bottom right corner of
the visible pixel data.
Units: Lines
0x034B Lo
0x034C Hi
x_output_size
16UI
0A.30
RW
Width of image data output from the
sensor module.
Units: Pixels
0x034D Lo



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com