Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VX6953CB Datasheet(PDF) 79 Page - STMicroelectronics

Part # VX6953CB
Description  5.1 megapixel EDOF camera module
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VX6953CB Datasheet(HTML) 79 Page - STMicroelectronics

Back Button VX6953CB Datasheet HTML 75Page - STMicroelectronics VX6953CB Datasheet HTML 76Page - STMicroelectronics VX6953CB Datasheet HTML 77Page - STMicroelectronics VX6953CB Datasheet HTML 78Page - STMicroelectronics VX6953CB Datasheet HTML 79Page - STMicroelectronics VX6953CB Datasheet HTML 80Page - STMicroelectronics VX6953CB Datasheet HTML 81Page - STMicroelectronics VX6953CB Datasheet HTML 82Page - STMicroelectronics VX6953CB Datasheet HTML 83Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 107 page
background image
8209023 Rev 5
79/107
VX6953CB
Image optimization
9.1.3
Pixel fault numbering convention
The pixel notation is shown in Figure 34. For the purposes of the test the 3 x 3 array
describes nine Bayer pixels of a common color, that is, all the pixels will either be Red,
Green(a) or Blue. The pixel under test is X. If a pixel under test is on the edge, the array is
reduced to its existing neighbor pixels (that is, the first pixel uses only a 2 x 2 array).
Figure 34. Pixel numbering notation
9.1.4
Single pixel faults
STMicroelectronics defines a single pixel fail as a failing pixel with no adjacent failing same
color neighbors.
A single pixel fail can be:
•
“stuck at white” where the output of the pixel is permanently saturated regardless of the
level of incident light and exposure level
•
“stuck at black” where the pixel output is zero regardless of the level of incident light
and exposure level (major fail) or simply a pixel that differs from it’s immediate
neighbors by more than the test threshold (minor fail).
In the example in Figure 35, the pixel X is a fail. For this pixel to be a single pixel fail the
pixels at positions [0], [1], [2], [3], [4], [5], [6] and [7] must be “good” pixels that pass final
test. The implemented test program will pass a sensor with up to the defined limit of single
pixel faults per color channel. Defect correction algorithms will correct the pixel faults in the
final image.
Figure 35. Single pixel fault
a. The Green pixels are split over two common channels, Green1 and Green2.
[0]
[1]
[2]
[7]
X
[3]
[6]
[5]
[4]
[0]
[1]
[2]
[7]
X
[3]
[6]
[5]
[4]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com