Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VX6953CB Datasheet(PDF) 94 Page - STMicroelectronics

Part # VX6953CB
Description  5.1 megapixel EDOF camera module
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VX6953CB Datasheet(HTML) 94 Page - STMicroelectronics

Back Button VX6953CB Datasheet HTML 90Page - STMicroelectronics VX6953CB Datasheet HTML 91Page - STMicroelectronics VX6953CB Datasheet HTML 92Page - STMicroelectronics VX6953CB Datasheet HTML 93Page - STMicroelectronics VX6953CB Datasheet HTML 94Page - STMicroelectronics VX6953CB Datasheet HTML 95Page - STMicroelectronics VX6953CB Datasheet HTML 96Page - STMicroelectronics VX6953CB Datasheet HTML 97Page - STMicroelectronics VX6953CB Datasheet HTML 98Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 107 page
background image
Electrical characteristics
VX6953CB
94/107
8209023 Rev 5
12.4
System clock - EXTCLK
12.5
Power down control - XSHUTDOWN
Table 49. System clock - EXTCLK
Symbol
Parameter
Min.
Max.
Unit
Leakage current
4(1)
1. With DC coupled square wave clock.
30(2)
2. With DC VDIG applied.
μA
VCL
DC coupled square wave low level
0
0.3 * VDIG
V
VCH
DC coupled square wave high level
0.7 VDIG
VDIG+0.5V
V
VCAC
AC coupled sine wave
0.5
1.2
V
fEXTCLK
Clock frequency input
6.0 - 1%(3)
3. Nominal frequencies are 6.0 to 27 MHz with a 1% centre frequency tolerance. Tested at
characterization only.
27 + 1%(3)
MHz
Duty cycles Clock frequency duty cycles
40
60
%
Input jitter
EXTCLK input jitter
-
Refer to Jitter
application
note(4)
4. ST Microelectronics will provide upon request an application note detailing the EXTCLK input
jitter requirements.
ps
Table 50. Power down control - XSHUTDOWN
Symbol
Parameter
Min.
Typ.
Max.
Unit
VIL
Low level input voltage
0
-
0.3 * VDIG
V
VIH
High level input voltage
0.7 * VDIG
-
VANA
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com