Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VX6953CB Datasheet(PDF) 40 Page - STMicroelectronics

Part # VX6953CB
Description  5.1 megapixel EDOF camera module
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VX6953CB Datasheet(HTML) 40 Page - STMicroelectronics

Back Button VX6953CB Datasheet HTML 36Page - STMicroelectronics VX6953CB Datasheet HTML 37Page - STMicroelectronics VX6953CB Datasheet HTML 38Page - STMicroelectronics VX6953CB Datasheet HTML 39Page - STMicroelectronics VX6953CB Datasheet HTML 40Page - STMicroelectronics VX6953CB Datasheet HTML 41Page - STMicroelectronics VX6953CB Datasheet HTML 42Page - STMicroelectronics VX6953CB Datasheet HTML 43Page - STMicroelectronics VX6953CB Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 107 page
background image
Register map
VX6953CB
40/107
8209023 Rev 5
4.16
EDOF [0x0B80 to 0x0B8A]
4.17
Color feedback registers [0x0B8C to 0x0B95]
Table 24. EDOF registers [0x0B80 to 0x0B8A]
Index
Byte
Register name
Data type Default Type
Comment
0x0B80
edof_mode
8UI
00
RW
EDOF control
0 - EDOF disabled (power saving)
1 - EDOF application (capture)
2 - EDOF estimation (preview)
0x0B81
edof_est_depth_of_field
8UI
00
RO Not used in VX6953CB
0x0B82
edof_est_focus_distance
8UI
32
RO The estimated focus point (cm)
0x0B83
edof_sharpness
8UI
00
RW EDOF sharpness control
0x0B84
edof_denoising
8UI
00
RW EDOF denoising control
0x0B85
edof_module_specific
8UI
00
RW EDOF noise vs details control
0x0B88 Hi
edof_focus_distance
16UI
00.32
RW
Value supplied by the host which is
used by VX6953CB for focus distance
(in cm).
0x0000 to 0x7FFF - manual mode
0x8000 to 0xFFFF - limited auto
0x0B89 Lo
0x0B8A
edof_estimation_control
8UI
00
RW
EDOF estimator control
1 - uniform
2 - centre weight
4 - large spot
8 - narrow spot
Table 25. Color feedback registers [0x0B8C to 0x0B95]
Index
Byte
Register name
Data type Default Type
Comment
0x0B8C Hi
colour_temperature
16SR
00.00
RW Not supported by VX6953CB
0x0B8D Lo
0x0B8E Hi
host_WB_stats_green_red
16UR
01.00
RW
White balance gains to be applied by
the host. These stats are used by the
EDOF and the adaptive AV to estimate
the color temperature of the scene.
0x0B8F Lo
0x0B90 Hi
host_WB_stats_red
16UR
01.00
RW
0x0B91 Lo
0x0B92 Hi
host_WB_stats_blue
16UR
01.00
RW
0x0B93 Lo
0x0B94 Hi
host_WB_stats_green_blue
16UR
01.00
RW
0x0B95 Lo



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com