Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VX6953CB Datasheet(PDF) 23 Page - STMicroelectronics

Part # VX6953CB
Description  5.1 megapixel EDOF camera module
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VX6953CB Datasheet(HTML) 23 Page - STMicroelectronics

Back Button VX6953CB Datasheet HTML 19Page - STMicroelectronics VX6953CB Datasheet HTML 20Page - STMicroelectronics VX6953CB Datasheet HTML 21Page - STMicroelectronics VX6953CB Datasheet HTML 22Page - STMicroelectronics VX6953CB Datasheet HTML 23Page - STMicroelectronics VX6953CB Datasheet HTML 24Page - STMicroelectronics VX6953CB Datasheet HTML 25Page - STMicroelectronics VX6953CB Datasheet HTML 26Page - STMicroelectronics VX6953CB Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 107 page
background image
8209023 Rev 5
23/107
VX6953CB
Functional description
3.4.2
Power-down procedure
Table 6. Power-down sequence timing constraints for CSI2 communications
Symbol
Parameter
Min.
Max.
Units
t8
Last I2C transaction to MIPI frame
end(1)
1. The whole power down sequence is triggered by the CCI power down request, however the
power down sequence will only start after the end of the frame when all active data are
consumed on CSI-2 DN/DP pins. When this is done, the CSI-2 DN/DP signals enter LP11. The
CSI-2 clock will enter LP11 with a delay of 5us (corresponding to Tclk_post + Tclk_trail)
compared to DN/DP pins. The device is then SW_STANDBY and will enter LP00 and stay in
Ultra Low power mode.
-
1 frame
t9
Minimum EXTCLK cycles required
after last I2C transaction or MIPI
frame end(2)
2. After the last frame completion, the gated clock needs to be kept for 512 cycles at least so the
system can enter Ultra Low power state. After the system enters ULPS mode, you can keep or
stop the EXTCLK.
512
-
clock cycles
t10
Last I2C transaction or MIPI frame
end to XSHUTDOWN failling(3)
3. Note: XSHUTDOWN can be asserted at any time. This immediately removes the core-supply,
causing the POR to trigger and reset all the digital logic and macros - it does not depend on the
presence of the clock. When XSHUTDOWN is asserted, the clock can be running or not - it
does not matter.
t8+t9
-
t11
XSHUTDOWN to VANA/VDIG
falling
XSHUTDOWN must fall at the
same time as, or earlier than, both
power supplies (VDIG and VANA)
t12
VANA to VDIG or VDIG to VANA
falling
VANA and VDIG may fall in any
order, the rising separation can
vary from 0 ns to indefinite



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com