Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VX6953CB Datasheet(PDF) 82 Page - STMicroelectronics

Part # VX6953CB
Description  5.1 megapixel EDOF camera module
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VX6953CB Datasheet(HTML) 82 Page - STMicroelectronics

Back Button VX6953CB Datasheet HTML 78Page - STMicroelectronics VX6953CB Datasheet HTML 79Page - STMicroelectronics VX6953CB Datasheet HTML 80Page - STMicroelectronics VX6953CB Datasheet HTML 81Page - STMicroelectronics VX6953CB Datasheet HTML 82Page - STMicroelectronics VX6953CB Datasheet HTML 83Page - STMicroelectronics VX6953CB Datasheet HTML 84Page - STMicroelectronics VX6953CB Datasheet HTML 85Page - STMicroelectronics VX6953CB Datasheet HTML 86Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 107 page
background image
Image optimization
VX6953CB
82/107
8209023 Rev 5
Figure 40. Contiguous pixel example
9.2
Defect correction
The defect correction algorithm dynamically detects and corrects single and couplet
defective pixels in the imaging array. The weight of both correction filters can be adjusted.
For recommended settings refer to the personality file.
An image showing an example of defective pixels is shown below.
Figure 41. Image showing defective pixels
A simplified block diagram of the defective correction block is shown in Figure 42.
The group of pixels enclosed in the circle are
contiguous, that is every pixel in the group is
attached to at least one neighboring pixel.
The other pixel entries shown in the figure
are non contiguous as they have no
touching neighbors.
Defective pixels:
dead pixels and
spikes.
Couplets: closely
located defective
pixels (spike or dead
pixels).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com