Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VX6953CB Datasheet(PDF) 20 Page - STMicroelectronics

Part # VX6953CB
Description  5.1 megapixel EDOF camera module
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VX6953CB Datasheet(HTML) 20 Page - STMicroelectronics

Back Button VX6953CB Datasheet HTML 16Page - STMicroelectronics VX6953CB Datasheet HTML 17Page - STMicroelectronics VX6953CB Datasheet HTML 18Page - STMicroelectronics VX6953CB Datasheet HTML 19Page - STMicroelectronics VX6953CB Datasheet HTML 20Page - STMicroelectronics VX6953CB Datasheet HTML 21Page - STMicroelectronics VX6953CB Datasheet HTML 22Page - STMicroelectronics VX6953CB Datasheet HTML 23Page - STMicroelectronics VX6953CB Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 107 page
background image
Functional description
VX6953CB
20/107
8209023 Rev 5
3.4.1
Power-up procedure
The digital and analog supply voltages can be powered up in any order for example, VDIG
then VANA or VANA then VDIG. See Table 5 for timing constraints.
On power-up the on-chip power-on reset cell ensures that the CCI register values are
initialized correctly to their default values.
The EXTCLK clock can either be initially low and then enabled during software standby
mode or EXTCLK can be a free running clock.
Table 5. Power-up sequence timing constraints for CCP2/CSI2 communications
Symbol
Parameter
Min.
Max.
Units
t0
VANA rising – VDIG rising
VANA and VDIG may rise in any
order
The rising separation can vary from
0 ns to indefinite
ns
t1
VDIG rising – VANA rising
ms
t2
VANA/VDIG – XSHUTDOWN
rising
XSHUTDOWN must rise coincident
with, or later than, both power
supplies (VDIG and VANA)
us
t3
XSHUTDOWN – first I2C
transaction with free running
clock
5(1)
1. 5 ms is necessary to upload the NVM data into firmware registers and get the FW ready for
sensor initialization through I2C writes.
-ms
t4
Minimum period with EXTCLK
present prior to the first I2C
transaction. Gated clock.
5(2)
2. For gated clock.
-ms
t5
PLL start up/lock time
-
1
ms
t6
Entering streaming mode – first
frame start sequence (fixed part)
-10
ms
t7
Entering streaming mode – first
frame start sequence (variable
part) = Integration time
fine_integration_
time_min
-ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com