Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VX6953CB Datasheet(PDF) 31 Page - STMicroelectronics

Part # VX6953CB
Description  5.1 megapixel EDOF camera module
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VX6953CB Datasheet(HTML) 31 Page - STMicroelectronics

Back Button VX6953CB Datasheet HTML 27Page - STMicroelectronics VX6953CB Datasheet HTML 28Page - STMicroelectronics VX6953CB Datasheet HTML 29Page - STMicroelectronics VX6953CB Datasheet HTML 30Page - STMicroelectronics VX6953CB Datasheet HTML 31Page - STMicroelectronics VX6953CB Datasheet HTML 32Page - STMicroelectronics VX6953CB Datasheet HTML 33Page - STMicroelectronics VX6953CB Datasheet HTML 34Page - STMicroelectronics VX6953CB Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 107 page
background image
8209023 Rev 5
31/107
VX6953CB
Register map
4.3
Analog gain description registers [0x0080 to 0x0097]
These registers are not dynamic but are required to be output on the status line so that it is
possible to interpret the meaning of the analog gain code(s). For a full description of the
analog gain description registers, refer to Section 6.5.1: Analogue gain model on page 64.
Table 11. Analog gain description [0x0080 to 0x0093]
Index Byte
Register name
Data type Default Type
Comment
0x0080 Hi
analogue_gain_capability
16UI
00.00
RO
Analogue gain capability
0 – single global analogue gain only
0x0081 Lo
0x0084 Hi
analogue_gain_code_min
16UI
00.00
RO
Minimum recommended analogue gain
code that is, 0 (x1 gain)
0x0085 Lo
0x0086 Hi
analogue_gain_code_max
16UI
00.F0
RO
Maximum recommended analogue
gain code that is, 240 (x16 gain)
0x0087 Lo
0x0088 Hi
analogue_gain_code_step
16UI
00.10
RO Analogue gain code step size(1)
0x0089 Lo
0x008A Hi
analogue_gain_type
16UI
00.00
RO Analog gain type
0x008B Lo
0x008C Hi
analogue_gain_m0
16SI
00.00
RO
Analog gain m0 constant.
m0 = 0
0x008D Lo
0x008E Hi
analogue_gain_c0
16SI
01.00
RO
Analog gain c0 constant.
c0 = 256
0x008F Lo
0x0090 Hi
analogue_gain_m1
16SI
FF.FF
RO
Analog gain m1 constant.
m1 =-1
0x0091 Lo
0x0092 Hi
analogue_gain_c1
16SI
01.00
RO
Analog gain c1 constant
c1 = 256
0x0093 Lo
1. For above gains of 0xE0, the step size is four. See Figure 26 for gain values. This additional feature of the
VX6953CB is outside of the SMIA specification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com