Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VX6953CB Datasheet(PDF) 46 Page - STMicroelectronics

Part # VX6953CB
Description  5.1 megapixel EDOF camera module
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VX6953CB Datasheet(HTML) 46 Page - STMicroelectronics

Back Button VX6953CB Datasheet HTML 42Page - STMicroelectronics VX6953CB Datasheet HTML 43Page - STMicroelectronics VX6953CB Datasheet HTML 44Page - STMicroelectronics VX6953CB Datasheet HTML 45Page - STMicroelectronics VX6953CB Datasheet HTML 46Page - STMicroelectronics VX6953CB Datasheet HTML 47Page - STMicroelectronics VX6953CB Datasheet HTML 48Page - STMicroelectronics VX6953CB Datasheet HTML 49Page - STMicroelectronics VX6953CB Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 107 page
background image
Register map
VX6953CB
46/107
8209023 Rev 5
4.20
Image scaling parameter limit registers [0x1200 to 0x120B]
4.21
Image compression parameter registers [0x1300 to 0x13FF]
4.22
CSI lane mode capability [0x1600 to 0x1602]
4.23
Binning capability [0x1700 to 0x170B]
Table 28. Image scaling parameter limit registers [0x1200 to 0x120B]
Index Byte
Register name
Data type Default Type
Comment
0x1200 Hi
scaling_capablility
16UI
00.02
RO
VX6953CB supports full (horizontal
and vertical) scaling.
0x1201 Lo
Table 29. Image compression parameter limit registers [0x1300 to 0x13FF]
Index Byte
Register name
Data type Default Type
Comment
0x1300 Hi
compression_capablility
16UI
00.01
RO
VX6953CB supports DPCM/PCM
compression
0x1301 Lo
Table 30. CSI lane mode capability registers [0x1600 - 0x1602]
Index Byte
Register name
Data type Default Type
Comment
0x1600
ui_and_manual_dphy_ctrl_ca
pability
8UI
00
RO
CSI2 DPHY control capability
UI enough
0x1601
csi_lane_capability
8UI
01
RO One CSI-2 data lane supported
0x1602
csi_signallingmode_capability
8UI
07
RO
Number of data lanes available.
Bit[0]:
1 = CCP2 Data/Clock supported.
0 = Not supported.
Bit[1]:
1 = CCP2 Data/Strobe supported.
0 = Not supported.
Bit[2]:
1 = CSI2 supported.
0 = Not supported.
Table 31. Binning capability registers [0x1700 to 0x170B]
Index
Byte
Register name
Data type Default Type
Comment
0x1700
binning_capability
8UI
01
RO VX6953CB supports binning
0x170B
binning_weighting_capability
8UI
05
RO
VX6953CB supports averaged and
Bayer corrected weighting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com