Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VX6953CB Datasheet(PDF) 75 Page - STMicroelectronics

Part # VX6953CB
Description  5.1 megapixel EDOF camera module
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VX6953CB Datasheet(HTML) 75 Page - STMicroelectronics

Back Button VX6953CB Datasheet HTML 71Page - STMicroelectronics VX6953CB Datasheet HTML 72Page - STMicroelectronics VX6953CB Datasheet HTML 73Page - STMicroelectronics VX6953CB Datasheet HTML 74Page - STMicroelectronics VX6953CB Datasheet HTML 75Page - STMicroelectronics VX6953CB Datasheet HTML 76Page - STMicroelectronics VX6953CB Datasheet HTML 77Page - STMicroelectronics VX6953CB Datasheet HTML 78Page - STMicroelectronics VX6953CB Datasheet HTML 79Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 107 page
background image
8209023 Rev 5
75/107
VX6953CB
EDOF control
8.5
Video modes and EDoF
Setting a video mode implies targetting a reduction in the image size and an increase of the
frame rate. The ST 5 Mpixel cameras are SMIA profile 2 compliant therefore output images
can be downscaled in both X and Y dimensions either using a digital scaling post EDoF
engine or by subsampling pixels before the EDoF engine.
Downsampling or binning by a factor of two or more in each direction increases the
sharpness enough to remove the need to process the raw image. Therefore image
processing is disabled in Preview mode within the EDoF processor in order to save power
and the image is simply copied on the output. The consequence is that the image must be
subsampled by a factor of 2x2 at least to get distance information and a usable raw image.
To summarize, it is recommended that EDoF is forced to landscape mode when in video:
•
if subsampling or binning is used and output image is at least full size image/4
•
if a scaling+cropping method is used from a full size image to output a smaller image
and output image < (2*full size image)/3
•
for a crop of a full resolution image
8.6
EDoF and white balance
The EDoF reconstruction engine requires the white balance gains to be programmed by the
HOST (by I2C writes) frame after frame to the colour feedback register (0x0B8E-0x0B95) of
the sensor. These white balance gains MUST BE corresponding the WB output ones to
prevent from fringing artefacts. These gains are also used for the sensor adaptive lens
shading correction if enabled.
The white balance gains are required in both preview and Capture modes.
The four host white balance gains to be programmed are listed in Table 42.
Table 42. Color feedback registers [0x0B8C to 0x0B95]
Index
Byte
Register name
Data type Default Type
Comment
0x0B8C Hi
colour_temperature
16SR
00.00
RW
Not supported by
VX6953CB
0x0B8D Lo
0x0B8E Hi
host_WB_stats_green_red
16UR
01.00
RW
White balance gains to
be applied by the host.
These stats are used by
the EDOF and the
adaptive AV to estimate
the color temperature of
the scene.
0x0B8F Lo
0x0B90 Hi
host_WB_stats_red
16UR
01.00
RW
0x0B91 Lo
0x0B92 Hi
host_WB_stats_blue
16UR
01.00
RW
0x0B93 Lo
0x0B94 Hi
host_WB_stats_green_blue
16UR
01.00
RW
0x0B95 Lo



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com