Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VX6953CB Datasheet(PDF) 19 Page - STMicroelectronics

Part # VX6953CB
Description  5.1 megapixel EDOF camera module
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VX6953CB Datasheet(HTML) 19 Page - STMicroelectronics

Back Button VX6953CB Datasheet HTML 15Page - STMicroelectronics VX6953CB Datasheet HTML 16Page - STMicroelectronics VX6953CB Datasheet HTML 17Page - STMicroelectronics VX6953CB Datasheet HTML 18Page - STMicroelectronics VX6953CB Datasheet HTML 19Page - STMicroelectronics VX6953CB Datasheet HTML 20Page - STMicroelectronics VX6953CB Datasheet HTML 21Page - STMicroelectronics VX6953CB Datasheet HTML 22Page - STMicroelectronics VX6953CB Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 107 page
background image
8209023 Rev 5
19/107
VX6953CB
Functional description
3.3.1
Power off
Power supplies are off.
3.3.2
Hardware standby
This is the lowest power consumption mode. CCI communications are not supported in this
mode. The clock input pad, PLL and the video blocks are powered down. This state is
entered by pulling the control pin XSHUTDOWN down. All registers are returned to their
default values.
3.3.3
Software standby
Software standby mode preserves the contents of the CCI register map. CCI
communications are supported in this mode. The software standby mode is selected using a
serial interface command. If this state is entered from hardware standby, the data pads
remain high impedance. If this state is entered from streaming, then the data pads go high
impedance at the end of the current frame. At this point, the video block and PLL power
down. The internal video timing is reset to the start of a video frame in preparation for the
enabling of active video. The values of the serial interface registers like exposure and gain
are preserved. The system clock must remain active when communicating with the sensor.
This state is entered by releasing the device from hard reset by: setting XSHUTDOWN high,
writing 0x00 to the mode control register (0x0100) or commanding a soft reset by writing
0x01 to the software reset register (0x0103). After a soft reset or the transition of
XSHUTDOWN to high, all registers are returned to their default values.
3.3.4
Streaming
The VX6953CB streams live video. This mode is entered by writing 0x01 to the mode
control register (0x0100).
3.4
Power management
VX6953CB requires a dual power supply. The analog circuits are powered by a nominal
2.8V supply while the digital logic and digital I/O are powered by a 1.8V supply. Different
sections of the sensor are powered depending on the system state. See Table 4 for details.
Table 4. Power management matrix
Mode
Functional block powered down
Video data
inhibit
CCI
Digital
Internal
and output
clocks(1)
1. PLL block and data CLK+ and CLK- pins
Output
pins
Analog
Hardware
standby
Yes
Yes
Yes
Yes
Yes
Yes
Software standby
No
Yes
Yes
Yes
Yes
Yes
Streaming
No
No
No
No
No
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com