Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VX6953CB Datasheet(PDF) 86 Page - STMicroelectronics

Part # VX6953CB
Description  5.1 megapixel EDOF camera module
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VX6953CB Datasheet(HTML) 86 Page - STMicroelectronics

Back Button VX6953CB Datasheet HTML 82Page - STMicroelectronics VX6953CB Datasheet HTML 83Page - STMicroelectronics VX6953CB Datasheet HTML 84Page - STMicroelectronics VX6953CB Datasheet HTML 85Page - STMicroelectronics VX6953CB Datasheet HTML 86Page - STMicroelectronics VX6953CB Datasheet HTML 87Page - STMicroelectronics VX6953CB Datasheet HTML 88Page - STMicroelectronics VX6953CB Datasheet HTML 89Page - STMicroelectronics VX6953CB Datasheet HTML 90Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 107 page
background image
Image optimization
VX6953CB
86/107
8209023 Rev 5
9.5
Lens shading correction
The sensor has an onboard adaptive (four color temperature) lens shading correction
function which can be used to reduce the effect of roll off in the optical system. Correction is
carried out individually for all four color planes, each gain is calculated based on the
distance from the image centre to the pixel in question using a nine parameterization term
(DC offset, x, y, xy, X2, y2, xy2, x2y, x2y2).
In order to optimize the adaptive lens shading algorithm, the coefficients for each device are
calculated under D65 lighting conditions and programmed in the NVM memory at production
test.
Settings for three other color temperatures (cool white, TL83 and horizon) are calculated
from characterization data and these are stored in the NVM memory.
The calculation of the color temperature is performed by the sensor using the color
feedback registers. Therefore it is necessary for the host to supply the sensor with the white
balance gains.
The lens shading function can be used with the profile1 and profile2 scaler and with crop
and subsampling.
The lens shading correction is controlled by register 0x0B00:
0 - Disable
1 - Enable
The correction applied is 75%.
This is meaning image corner relative illumination = 0.75 * image centre relative illumination.
Figure 46. Lens shading images
Original image
Corrected image



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com