Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VX6953CB Datasheet(PDF) 87 Page - STMicroelectronics

Part # VX6953CB
Description  5.1 megapixel EDOF camera module
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VX6953CB Datasheet(HTML) 87 Page - STMicroelectronics

Back Button VX6953CB Datasheet HTML 83Page - STMicroelectronics VX6953CB Datasheet HTML 84Page - STMicroelectronics VX6953CB Datasheet HTML 85Page - STMicroelectronics VX6953CB Datasheet HTML 86Page - STMicroelectronics VX6953CB Datasheet HTML 87Page - STMicroelectronics VX6953CB Datasheet HTML 88Page - STMicroelectronics VX6953CB Datasheet HTML 89Page - STMicroelectronics VX6953CB Datasheet HTML 90Page - STMicroelectronics VX6953CB Datasheet HTML 91Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 107 page
background image
8209023 Rev 5
87/107
VX6953CB
NVM contents
10
NVM contents
The sensor has the following contents in the NVM:
•
revision and traceability data
•
green imbalance correction data
•
grid-iron correction data (option)
•
sensitivity data (to be used by the host)
•
defect data (used on-chip, described in Section 9.3 on page 84)
•
lens shading AV2x2 corrector data (used on-chip, described in Section 9.5 on page 86)
10.1
Green imbalance corrector
The NVM is programmed with calibration data for four different illuminants that are used by
the sensor to minimize green imbalance (used on-chip, see Section 9.4 on page 85).
10.2
Lens shading gridiron correction
This data is not used by the sensor but can be used with a host ISP based bi-cubic
corrector.
The lens shading gridiron data is calculated at FMT for each device for one color
temperature D65 (Fluorescent Phillips Graphica Pro 965). Each of the four color channel
values are recorded. Each grid ROI in each color channel with the pedestal removed. The
on board lens shading correction is disabled. The analog gain is set to x1.
10.3
Sensitivity data
This data is not used by the sensor but can be used by the host to calibrate the AWB
system.
The sensitivity data is measured at FMT for each device for one color temperature D65
(Fluorescent Phillips Graphica Pro 965). Each of the four color channel values are recorded.
The 10-bit average of the central 1% of the image (1% of image width, 1% of image height)
is recorded, the pedestal is included in the value. The on-board lens shading correction is
disabled. The analog gain is set to x1.
More details are provided in the calibration application note.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com