Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VX6953CB Datasheet(PDF) 98 Page - STMicroelectronics

Part # VX6953CB
Description  5.1 megapixel EDOF camera module
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VX6953CB Datasheet(HTML) 98 Page - STMicroelectronics

Back Button VX6953CB Datasheet HTML 94Page - STMicroelectronics VX6953CB Datasheet HTML 95Page - STMicroelectronics VX6953CB Datasheet HTML 96Page - STMicroelectronics VX6953CB Datasheet HTML 97Page - STMicroelectronics VX6953CB Datasheet HTML 98Page - STMicroelectronics VX6953CB Datasheet HTML 99Page - STMicroelectronics VX6953CB Datasheet HTML 100Page - STMicroelectronics VX6953CB Datasheet HTML 101Page - STMicroelectronics VX6953CB Datasheet HTML 102Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 107 page
background image
Electrical characteristics
VX6953CB
98/107
8209023 Rev 5
12.8
CSI-2 interface
12.8.1
CSI-2 interface - DC specification
“All rights reserved. This material is reprinted with the permission of the MIPI Alliance, Inc.
No part(s) of this document may be disclosed, reproduced or used for any purpose other
than as needed to support the use of the products of STMicroelectronics.”
12.8.2
CSI-2 interface - AC specification
“All rights reserved. This material is reprinted with the permission of the MIPI Alliance, Inc.
No part(s) of this document may be disclosed, reproduced or used for any purpose other
than as needed to support the use of the products of STMicroelectronics.”
Table 55. CSI-2 interface - high speed mode - DC specification
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCMTX
HS transmit static common mode
voltage
150
200
250
mV
VOD
HS transmit differential voltage(1)
1. Value when driving into load impedance anywhere in the ZID range (80-125Ω).
140
200
270
mV
VOHHS
HS output high voltage(1)
--
360
mV
ZOS
Single ended output impedance
40
50
62.5
Ω
Table 56. CSI-2 interface - low power mode - DC specification
Symbol
Parameter
Min.
Typ.
Max.
Unit
VOH
Output high level
1.1
1.2
1.3
V
VOL
Output low level
-50
-
50
mV
ZOLP
Output impedance of LP transmitter
110
-
-
Ω
Table 57. CSI-2 interface - high speed mode - AC specification
Symbol
Parameter
Min.
Typ.
Max.
Unit
Data rate
80
-
800
Mbits/s
tclkp
Average data period
1.25
-
12.5
ns
tr and tf
20% to 80% rise time and fall time
150
-
0.3UI(1)
1. UI is equal to 1/(2*fh) where fh is the fundamental frequency of the transmission for a certain bit
rate. For example, for 600 Mbps, fh is 300 MHz.
ps
tskew
Data to clock skew
-0.15UI
-
0.15UI
ps
Table 58. CSI-2 interface - low power mode - AC specification
Symbol
Parameter
Min.
Typ.
Max.
Unit
tr and tf
15% - 85% rise time and fall time
-
-
25
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com