Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VX6953CB Datasheet(PDF) 11 Page - STMicroelectronics

Part # VX6953CB
Description  5.1 megapixel EDOF camera module
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VX6953CB Datasheet(HTML) 11 Page - STMicroelectronics

Back Button VX6953CB Datasheet HTML 7Page - STMicroelectronics VX6953CB Datasheet HTML 8Page - STMicroelectronics VX6953CB Datasheet HTML 9Page - STMicroelectronics VX6953CB Datasheet HTML 10Page - STMicroelectronics VX6953CB Datasheet HTML 11Page - STMicroelectronics VX6953CB Datasheet HTML 12Page - STMicroelectronics VX6953CB Datasheet HTML 13Page - STMicroelectronics VX6953CB Datasheet HTML 14Page - STMicroelectronics VX6953CB Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 107 page
background image
8209023 Rev 5
11/107
VX6953CB
Overview
1
Overview
The VX6953CB image sensor produces raw 5.0 Mpixel digital video data at up to 16.5
frames per second.
The VX6953CB has both CCP2.0 and MIPI CSI-2 video data interfaces selectable over the
camera control interface (CCI). The VX6953CB is compliant with the SMIA 1.0(a)
Specification Profile 2. The VX6953CB can also be used as a Profile 0 or Profile 1 device.
The sensor supports full horizontal and vertical scaling and output frequency derating as
defined in the specification. The VX6953CB supports 2 x 2 binning mode which supports
720p30 video format.
The image data is digitized using an internal 10-bit column ADC. The resulting pixel data is
output as 8-bit, 10-bit or 10-8 bit compressed data and includes checksums and embedded
codes for synchronization. The interface conforms to both the CCP 2.0 and MIPI CSI-2
interface standards. The sensor is fully configurable through a CCI serial interface.
The module is available in a SMOP type package measuring 6.5 x 6.5 x 4.6 mm. It is
designed to be used with a board mounted SMIA65 socket or flex.
a. Including up to ECR0002.
Table 1. Technical specification
Feature
Detail
Optical format
1/4"
Pixel resolution
2608 x 1960 (5.0 megapixel)
Sensor technology
IMG140 STs 65nm based CMOS Imaging Process
Pixel size
1.4 µm x 1.4 µm
Exposure control
+ 81 dB
Analogue gain
+ 24 dB (max)
Digital gain
+ 3 dB (max)
Dynamic range
63 dB
Signal to noise
36 dB (@ 100 lux)
Supply voltages
Analog: 2.3V to 2.9V (2.8V nom.)
Digital: 1.7V to 1.9V (1.8V nom.)
Power consumption
<300 mW
Package size
(L x H x W )
6.5 x 6.5 x 4.6 mm (without lens cover)
Lens
58° +/-2° HFOV F/2.8
Relative illumination
75 % (typ.)
System attach
SMIA65 socket or flex
Temperature range
Normal operating: -25C to +55C
Storage: -40C to +85C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com