Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VX6953CB Datasheet(PDF) 34 Page - STMicroelectronics

Part # VX6953CB
Description  5.1 megapixel EDOF camera module
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VX6953CB Datasheet(HTML) 34 Page - STMicroelectronics

Back Button VX6953CB Datasheet HTML 30Page - STMicroelectronics VX6953CB Datasheet HTML 31Page - STMicroelectronics VX6953CB Datasheet HTML 32Page - STMicroelectronics VX6953CB Datasheet HTML 33Page - STMicroelectronics VX6953CB Datasheet HTML 34Page - STMicroelectronics VX6953CB Datasheet HTML 35Page - STMicroelectronics VX6953CB Datasheet HTML 36Page - STMicroelectronics VX6953CB Datasheet HTML 37Page - STMicroelectronics VX6953CB Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 107 page
background image
Register map
VX6953CB
34/107
8209023 Rev 5
4.6
Integration time and gain registers [0x0200 to 0x02FF]
These registers are used to control the image exposure. See Section 6.5: Exposure and
gain control on page 64 for more information.
Table 14. Integration time and gain registers [0x0200 to 0x02FF]
Index Byte
Register name
Data type Default Type
Comment
0x0200 Hi
fine_integration_time
16UI
02.54
RW Fine integration time (pixels).
0x0201 Lo
0x0202 Hi
coarse_integration_time
16UI
00.00
RW Coarse integration time (lines).
0x0203 Lo
0x0204 Hi
analogue_gain_code_global
16UI
00.00
RW
Global analog gain parameter (coded).
See Section 6.5.1: Analogue gain
model on page 64 for details of how to
use this parameter.
0x0205 Lo
0x020E Hi
digital_gain_greenr
16UR
01.00
RW Gain code for greenr channel.
0x020F Lo
0x0210 Hi
digital_gain_red
16UR
01.00
RW Gain code for red channel.
0x0211 Lo
0x0212 Hi
digital_gain_blue
16UR
01.00
RW Gain code for blue channel.
0x0213 Lo
0x0214 Hi
digital_gain_greenb
16UR
01.00
RW Gain code for greenb channel.
0x0215 Lo



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com