Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VX6953CB Datasheet(PDF) 13 Page - STMicroelectronics

Part # VX6953CB
Description  5.1 megapixel EDOF camera module
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VX6953CB Datasheet(HTML) 13 Page - STMicroelectronics

Back Button VX6953CB Datasheet HTML 9Page - STMicroelectronics VX6953CB Datasheet HTML 10Page - STMicroelectronics VX6953CB Datasheet HTML 11Page - STMicroelectronics VX6953CB Datasheet HTML 12Page - STMicroelectronics VX6953CB Datasheet HTML 13Page - STMicroelectronics VX6953CB Datasheet HTML 14Page - STMicroelectronics VX6953CB Datasheet HTML 15Page - STMicroelectronics VX6953CB Datasheet HTML 16Page - STMicroelectronics VX6953CB Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 107 page
background image
8209023 Rev 5
13/107
VX6953CB
Overview
The sensor main function is to convert the viewed scene into a data stream. The companion
processor function is to manage the sensor so that it can produce the best possible pictures
and to process the data stream into a form which is easily handled by up-stream mobile
baseband or multi-media processor (MMP) chipsets.
The sensor supplies high-speed clock signals to the processor and provides the embedded
control sequences which allow the coprocessor to synchronize with the frame and line level
timings. The processor then performs the color processing on the raw image data from the
sensor before supplying the final image data to the host.
With the coprocessor system, the clock is sent by host to both the VX6953CB and the
coprocessor. The high-speed clock for the coprocessor is supplied from the VX6953CB. It is
generated using the VX6953CB PLL and is provided as the continuous data qualification
clock.
1.2
VX6953CB use in a system with software image processing
The VX6953CB image sensor can be directly connected to a baseband or multimedia
processor. No dedicated coprocessor is used in this configuration. The image processing is
done in software or hardware within the baseband processor.
Figure 2. VX6953CB in a system with software image processing
Systems with a CCP 2.0 interface can operate with this device, however they may have a
maximum CCP link speed of 650 Mbps and therefore will not be able to achieve 15 fps with
this device.
Systems with CSI-2 interface (MIPI) can operate with this sensor. With a 800 Mbps CSI-2
link speed, they can achieve 15 fps in full size image.
Mobile
baseband
processor
XSHUTDOWN
EXTCLK
SMIA
CCI
CCP
VX6953CB
imaging
processes
CCI
CCP2 TX
Pixel array and



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com