Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VX6953CB Datasheet(PDF) 55 Page - STMicroelectronics

Part # VX6953CB
Description  5.1 megapixel EDOF camera module
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VX6953CB Datasheet(HTML) 55 Page - STMicroelectronics

Back Button VX6953CB Datasheet HTML 51Page - STMicroelectronics VX6953CB Datasheet HTML 52Page - STMicroelectronics VX6953CB Datasheet HTML 53Page - STMicroelectronics VX6953CB Datasheet HTML 54Page - STMicroelectronics VX6953CB Datasheet HTML 55Page - STMicroelectronics VX6953CB Datasheet HTML 56Page - STMicroelectronics VX6953CB Datasheet HTML 57Page - STMicroelectronics VX6953CB Datasheet HTML 58Page - STMicroelectronics VX6953CB Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 107 page
background image
8209023 Rev 5
55/107
VX6953CB
Video timing
Figure 19. Subsample readout example
6.1.5
Binning
The VX6953CB also has a binning mode that offers a reduced size full field of view image.
The binning mode averages row and column pixel data.
The binning mode results in a reduced number of lines and so can be used to give a higher
image frame rate. Compared to subsampling, binning makes use of the light gathered from
the whole pixel array and it results in higher image quality.
The binning mode will scale by 2 x 2 in the X and Y directions.
Entering and exiting binning mode may or may not be performed when the sensor is in
software standby.
Table 33 summarizes the register settings for each of the binning modes. Refer to the
personality file for further image quality settings.
8
5
6
7
G
Gr R
B
G
Gr R
B
G
Gr R
B
G
Gr R
B
G
Gr R
B
G
Gr R
B
G
Gr R
B
G
Gr R
B
G
Gr R
B
4
1
2
3
9
10
8
56 7
4
123
9
010
0
11
1
33
3
1
1
1
3
3
3
Example:
x_even_inc=1
Control range:
min_even_inc=1
min_odd_inc=1
max_even_inc=7
max_odd_inc=7
x_odd_inc=3
y_even_inc=1
y_odd_inc=3
Table 33. Binning register settings
Register
Address
Normal(1)
1. min_fine_integration and max_fine_integration values for 2 x 2 subsampling modes are the
same as Normal (full resolution) mode.
2x2
binning_mode
0x0900
0
1
binning_type
0x0901
N/A
0x22
binning_weighting
0x0902
N/A
5
x_odd_inc
0x0383
1
3
y_odd_inc
0x0387
1
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com