Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VX6953CB Datasheet(PDF) 30 Page - STMicroelectronics

Part # VX6953CB
Description  5.1 megapixel EDOF camera module
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VX6953CB Datasheet(HTML) 30 Page - STMicroelectronics

Back Button VX6953CB Datasheet HTML 26Page - STMicroelectronics VX6953CB Datasheet HTML 27Page - STMicroelectronics VX6953CB Datasheet HTML 28Page - STMicroelectronics VX6953CB Datasheet HTML 29Page - STMicroelectronics VX6953CB Datasheet HTML 30Page - STMicroelectronics VX6953CB Datasheet HTML 31Page - STMicroelectronics VX6953CB Datasheet HTML 32Page - STMicroelectronics VX6953CB Datasheet HTML 33Page - STMicroelectronics VX6953CB Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 107 page
background image
Register map
VX6953CB
30/107
8209023 Rev 5
4.2
Frame format description registers [0x0040 to 0x007F]
For a full description of the frame format description, refer to Chapter 5: Video data interface
on page 48.
0x000C
pixel_depth
8UI
0A
RO Pixel data resolution.
0x0010
revision_number_minor
8UI
00
RO
Module revision identifier of the camera
for minor changes.
0x0016 Hi
sensor_model_id
16UI
03
RO Silicon identification number. This may
not be the same as the module
identification number, for example, in the
case where the same silicon is used in
two different modules.
0x0017 Lo
B9
RO
0x0018
3:0
sensor_revision_number
8UI
00
RO
7:4
02
RO
Silicon mask revision code.
02 = cut3.0
Table 9. Status registers [0x0000 to 0x000F] (continued)
Index
Byte
Register name
Data type Default Type
Comment
Table 10. Frame format description registers [0x0040 to 0x007F]
Index Byte
Register name
Data type Default Type
Comment
0x0040
frame_format_model_type
8UI
01
RO
Generic frame format.
0x01: 2-byte data format.(1)
0x0041
frame_format_model_subtype
8UI
12
RO
Contains the number of 2-byte data
format descriptors used.
Upper nibble defines the number of
column descriptors that is, 1.
The lower nibble defines the number
of row descriptors that is, 2.
0x0042 Hi
frame_format_descriptor_0
16UI
5A.30
RO
Pixel data code: 5 (visible columns)
Number of pixels : readout dependent
(maximum of 2608)
0x0043 Lo
0x0044 Hi
frame_format_descriptor_1
16UI
10.02
RO
Pixel data code: 1 (embedded data
lines)
Number of lines: 2
0x0045 Lo
0x0046 Hi
frame_format_descriptor_2
16UI
57.A8
RO
Pixel data code: 5 (visible lines)
Number of lines: readout dependent
(maximum of 1960)
0x0047 Lo
1. See section 4.5 of SMIA 1.0 functional specification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com